Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA-X29RXXX-X Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # AA-X29RXXX-X
Description  LVPECL XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AA-X29RXXX-X Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  AA-X29RXXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AA-X29RXXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AA-X29RXXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CRYSTAL OSCILLATORS
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0709D
AA-X29RXXX-X Series
LVPECL XO
Description
The AA-X29RXXX Series of crystal oscillators (XO) provides ultra low phase noise floor
LVPECL complementary outputs. The outputs can be disabled for test automation or combining
multiple clocks. The device packaged in a miniature, low profile, leadless FR-4 based package
with gold plated pads, which enhances compatibility with PCB material.
Applications and Features
• Ultra Low Phase Noise (-160dBc/Hz)
• Fiber Channel; 10 GbE; Infiniband; Network Processors; SOHO Routing
• High Reliability – NEL HALT/HASS qualified for crystal oscillator start-up conditions
• Fast Rise and Fall times
• Tight frequency stability - ±20 ppm overall available
• Low cost
• COTS/Dual use
Creating a Part Number
AA - X 29R X X X - X - FREQ
Package code
AA 6 pad 7.5x5.2mm SMD
Operating Voltage
A 3.3 V ± 5%
B 2.5 V ±5%
Temperature Range, ºC
A 0 to 50
B 0 to 70
C -20 to 70
D -40 to 85
9 Customer Specific
Overall Frequency Stability, ppm
E ±20
F ±25
G ±50
H ±100
9 Customer specific
Environmental
L Contains a level of lead that is in
excess of RoHS directive and is
not designed for reflow
R RoHS compliant
Enable Option
L Enable Low
N N/C
Rev. G


Similar Part No. - AA-X29RXXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-X29LXXX NEL-AA-X29LXXX Datasheet
207Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
AA-X29LXXX-X NEL-AA-X29LXXX-X Datasheet
151Kb / 3P
   LVPECL HF/UHF CLOCK (XO)
More results

Similar Description - AA-X29RXXX-X

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
NX252 PERICOM-NX252 Datasheet
691Kb / 2P
   2.5V/3.3V LVPECL XO
NX322 PERICOM-NX322 Datasheet
667Kb / 2P
   2.5V/3.3V LVPECL XO
logo
Nel Frequency Controls,...
SD-X29JXXX-X NEL-SD-X29JXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SD-X29KXXX-X NEL-SD-X29KXXX-X Datasheet
163Kb / 3P
   LVPECL UHF CLOCK (XO)
SU-X29PXXX-X NEL-SU-X29PXXX-X Datasheet
160Kb / 4P
   PECL/LVPECL UHF XO
AB-X29NXXX NEL-AB-X29NXXX Datasheet
142Kb / 3P
   PECL/LVPECL UHF XO
SD-A29KXXX NEL-SD-A29KXXX Datasheet
243Kb / 3P
   LVPECL UHF CLOCK (XO)
logo
Pericom Semiconductor C...
JX702 PERICOM-JX702 Datasheet
712Kb / 2P
   2.5V/3.3V LVPECL XO
logo
Nel Frequency Controls,...
AB-X29NXXX-X NEL-AB-X29NXXX-X Datasheet
157Kb / 3P
   PECL/LVPECL UHF XO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com