Electronic Components Datasheet Search |
|
ADM1171 Datasheet(PDF) 10 Page - Analog Devices |
|
ADM1171 Datasheet(HTML) 10 Page - Analog Devices |
10 / 16 page ADM1171 Data Sheet Rev. A | Page 10 of 16 12 0 018 SUPPLY VOLTAGE (V) 10 8 6 4 2 2 4 6 8 10 12 14 16 Figure 28. GATE Current (down) vs. Supply Voltage –8 –14 018 SUPPLY VOLTAGE (V) –9 –10 –11 –12 –13 2 4 6 8 10 12 14 16 Figure 29. GATE Current (up) vs. Supply Voltage –11.0 –13.0 –50 150 TEMPERATURE (°C) –25 0 25 50 75 100 125 VCC = 15V VCC = 12V VCC = 5V VCC = 3V –11.2 –11.4 –11.6 –11.8 –12.0 –12.2 –12.4 –12.6 –12.8 Figure 30. GATE Current (up) vs. Temperature –10.4 –11.0 –50 150 TEMPERATURE (°C) –25 0 25 50 75 100 125 VCC = 15V VCC = 12V VCC = 5V VCC = 3V –10.5 –10.6 –10.7 –10.8 –10.9 Figure 31. Soft Start Current vs. Temperature 50 0 01.2 SOFT START VOLTAGE (V) 45 40 35 30 25 20 15 10 5 0.2 0.4 0.6 0.8 1.0 Figure 32. Circuit Breaker Voltage vs. Soft Start Voltage 0.5 –0.5 030 SUPPLY VOLTAGE (V) VSENSE = 50mV 0.4 0.3 0.2 0.1 0 –0.1 –0.2 –0.3 –0.4 5 10 152025 Figure 33 CSOUT Total Output Error vs. Supply Voltage |
Similar Part No. - ADM1171_15 |
|
Similar Description - ADM1171_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |