Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-5523-JE000 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 5082-5523-JE000
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5082-5523-JE000 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  5082-5523-JE000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5523-JE000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FUNCTION
PIN
A
B
C
D
E
F
1
CATHODE e
ANODE e
CATHODE c
ANODE c
E CATHODE NO. 1
E ANODE NO. 1
2
CATHODE d
ANODE d
ANODE c, d
CATHODE c, d
D CATHODE NO. 1
D ANODE NO. 1
3
ANODE[3]
CATHODE[4]
CATHODE b
ANODE b
C CATHODE NO. 1
C ANODE NO. 1
4
CATHODE c
ANODE c
ANODE a, b, DP
CATHODE a, b, DP
DP CATHODE NO. 1
DP ANODE NO. 1
5
CATHODE DP
ANODE DP
CATHOPDE DP
ANODE DE
E CATHODE NO. 1
E ANODE NO. 2
6
CATHODE b
ANODE b
CATHODE a
ANODE a
D CATHODE NO. 2
D ANODE NO. 2
7
CATHODE a
ANODE a
ANODE a, b, DP
CATHODE a, b, DP
G CATHODE NO. 2
G ANODE NO. 2
8
ANODE[3]
CATHODE[4]
ANODE c, d
CATHODE c, d
C CATHODE NO. 2
C ANODE NO. 2
9
CATHODE f
ANODE f
CATHODE d
ANODE d
DP CATHODE NO. 2
DP ANODE NO. 2
10
CATHODE g
ANODE g
NO PIN
NO PIN
B CATHODE NO. 2
B ANODE NO. 2
11
A CATHODE NO. 2
A ANODE NO. 2
12
F CATHODE NO. 2
F ANODE NO. 2
13
DIGIT NO. 2 ANODE
DIGIT NO. 2 CATHODE
14
DIGIT NO. 1 ANODE
DIGIT NO. 1 CATHODE
15
B CATHODE NO. 1
B ANODE NO. 1
16
A CATHODE NO. 1
A ANODE NO. 1
17
G CATHODE NO. 1
G ANODE NO. 1
18
F CATHODE NO. 1
F ANODE NO. 1
NOTES:
1. ALL DIMENSIONS IN MILLIMETRES (INCHES).
2. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY.
3. REDUNDANT ANODES.
4. REDUNDANT CATHODES.
5. FOR HDSP-5600/-5700 SERIES PRODUCT ONLY.
Package Dimensions


Similar Part No. - 5082-5523-JE000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5551-00000 HP-5082-5551-00000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0A000 HP-5082-5551-0A000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0B000 HP-5082-5551-0B000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0C000 HP-5082-5551-0C000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
5082-5551-0D000 HP-5082-5551-0D000 Datasheet
340Kb / 20P
   Low Current Seven Segment Displays
More results

Similar Description - 5082-5523-JE000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com