Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO3409-3 Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO3409-3
Description  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO3409-3 Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  AO3409-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO3409-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO3409-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO3409-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.kexin.com.cn
4
SMD Type
IC
SMD Type
MOSFET
AO3409 (KO3409)
Typical Characterisitics
18
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
-Qg (nC)
Figure 7: Gate-Charge Characteristics
0
100
200
300
400
500
0
5
10
15
20
25
30
-VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
0
5
10
15
20
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note E)
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance
Coss
Crss
0.1
1.0
10.0
100.0
0.1
1
10
100
-VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note E)
100µs
10ms
1ms
0.1s
1s
10s
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
VDS=-15V
ID=-2.6A
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
RθJA=90°C/W
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
TJ(Max)=150°C
TA=25°C
10µs


Similar Part No. - AO3409-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3409-HF KEXIN-AO3409-HF Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results

Similar Description - AO3409-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com