Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9513L3-V-E3 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS9513L3-V-E3
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513L3-V-E3 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS9513L3-V-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 9Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 10Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 11Page - Renesas Technology Corp PS9513L3-V-E3 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet PN10679EJ03V0DS
8
PS9513,PS9513L1,PS9513L2 PS9513L3
*1 Typical values at TA = 25
°C.
*2 Test circuit for propagation delay time
CL includes probe and stray wiring capacitance.
Input
Output
VTHHL = 1.5 V
VTHLH = 2.0 V
15 V
VOL
tPHL
tPLH
IF (ON)
50% IF (ON)
47
Ω
Pulse input (IF = 10 mA)
Input
(monitor)
GND
(PW = 10 s,
Duty cycle = 1/10)
μ
RL = 20 k
Ω
VO (monitor)
VCC = 15 V
0.1 F
μ
CL = 100 pF
*3 Test circuit for common mode transient immunity
CL includes probe and stray wiring capacitance.
10%
1.5 kV
0 V
VOH
3.0 V
1.0 V
VOL
VCM 90%
tr
tf
VO
(Switch A: IF = 0 mA)
VO
(Switch B: IF = 10 mA)
VO (monitor)
VCC = 15 V
RL = 20 k
Ω
0.1 F
μ
CL = 100 pF
SW IF
GND
BA
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of more than 0.1
μF is used between VCC and GND near device. Also, ensure that the
distance between the leads of the photocoupler and capacitor is no more than 10 mm.
3. Pins 1, 4 (which is an NC
*1 pin) can either be connected directly to the GND pin on the LED side or left open.
Also, Pin 7 (which is an NC
*1 pin) can either be connected directly to the GND pin on the detector side or left
open.
Unconnected pins should not be used as a bypass for signals or for any other similar purpose because this may
degrade the internal noise environment of the device.
*1 NC: Non-Connection (No Connection)
4. Avoid storage at a high temperature and high humidity.
<R>


Similar Part No. - PS9513L3-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513L3-V-E3 CEL-PS9513L3-V-E3 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513L3-V-E3-AX CEL-PS9513L3-V-E3-AX Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9513L3-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS9713 CEL-PS9713 Datasheet
70Kb / 7P
   1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9213_V1 CEL-PS9213_V1 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com