Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9817A-2-V-F3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9817A-2-V-F3
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9817A-2-V-F3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9817A-2-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 9Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 10Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 11Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 12Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 13Page - Renesas Technology Corp PS9817A-2-V-F3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TAPING SPECIFICATIONS (UNIT: mm)
4.05 MAX.
Outline and Dimensions (Reel)
Packing: 1 500 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
1.7±0.1
2.0±0.05
4.0±0.1
6.4±0.1
0.3
±0.05
8.0±0.1
1.5
+0.1
–0
3.6±0.1
Outline and Dimensions (Tape)
Taping Direction
PS9817A-1-F3
PS9817A-2-F3
Data Sheet PN10647EJ03V0DS
10
PS9817A-1,-2


Similar Part No. - PS9817A-2-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9817A-2-V-F3 CEL-PS9817A-2-V-F3 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9817A-2-V-F3-A CEL-PS9817A-2-V-F3-A Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9817A-2-V-F3-AX CEL-PS9817A-2-V-F3-AX Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9817A-2-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9814 ETC-PS9814 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9587 CEL-PS9587 Datasheet
1Mb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
NEC
PS9587 NEC-PS9587 Datasheet
186Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com