Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9821-2-F4 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # PS9821-2-F4
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9821-2-F4 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button PS9821-2-F4 Datasheet HTML 7Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 8Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 9Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 10Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 11Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 12Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 13Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 14Page - Renesas Technology Corp PS9821-2-F4 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet PN10471EJ04V0DS
9
PS9821-1,-2
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
20
40
60
80
85
100
0
20
10
30
50
40
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85˚C
+50˚C
+25˚C
0˚C
–25˚C
–50
–25
0
25
50
75
100
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
0
20
18
16
14
12
10
8
6
4
2
ICCL (VCC = 3.3 V, IF = 10 mA), PS9821-2
ICCH (VCC = 3.3 V, IF = 0 mA), PS9821-1
ICCL (VCC = 3.3 V, IF = 10 mA), PS9821-1
ICCH (VCC = 3.3 V, IF = 0 mA), PS9821-2
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
20
40
60
80
100
0
85
10
20
30
25
15
5
PS9821-1
PS9821-2
Ambient Temperature TA (˚C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Input Current IF (mA)
OUTPUT VOLTAGE vs. INPUT CURRENT
Ambient Temperature TA (˚C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
IF = 5.0 mA,
VCC = 3.3 V
13.0 mA
10.0 mA
6.0 mA
IOL = 16.0 mA
123456
3.5
3
2.5
2
1.5
1
0.5
0
VCC = 3.3 V
4.0 k
Ω, 4.7 kΩ
1.0 k
Ω
RL = 350
Ω
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9821-2-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9821-2-F4 CEL-PS9821-2-F4 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9821-2-F4-A CEL-PS9821-2-F4-A Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
PS9821-2-F4-AX CEL-PS9821-2-F4-AX Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9821-2-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com