Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9822-2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9822-2
Description  1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9822-2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9822-2 Datasheet HTML 1Page - Renesas Technology Corp PS9822-2 Datasheet HTML 2Page - Renesas Technology Corp PS9822-2 Datasheet HTML 3Page - Renesas Technology Corp PS9822-2 Datasheet HTML 4Page - Renesas Technology Corp PS9822-2 Datasheet HTML 5Page - Renesas Technology Corp PS9822-2 Datasheet HTML 6Page - Renesas Technology Corp PS9822-2 Datasheet HTML 7Page - Renesas Technology Corp PS9822-2 Datasheet HTML 8Page - Renesas Technology Corp PS9822-2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary Data Sheet PN10698EJ01V0DS
5
PS9822-1,-2
ELECTRICAL CHARACTERISTICS: N rank (TA =
−40 to +100°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.6
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector High Level Output Current
IOH
VCC = VO = 3.3 V, VF = 0.8 V
1
100
μA
Low Level Output Voltage
*2
VOL
VCC = 3.3 V, IF = 5 mA, IOL = 13 mA
0.2
0.6
V
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA, VO = Open
2
mA/ch
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 10 mA, VO = Open
3
Coupled Threshold Input Current
(H
→ L)
IFHL
VCC = 3.3 V, VO = 0.8 V, RL = 350
Ω
5
mA
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Propagation Delay Time
(H
→ L)
tPHL
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
500
ns
Propagation Delay Time
(L
→ H)
tPLH
700
Pulse Width Distortion
(PWD)
⏐tPHL-tPLH⏐ VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA,
VTHHL = VTHLH = 1.5 V
200
ns
*1 Typical values at TA = 25
°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2.6 V or
less, it is important to confirm the characteristics (operation with the power supply on and off) during design,
before using this device.


Similar Part No. - PS9822-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9822-2 CEL-PS9822-2 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-2-AX CEL-PS9822-2-AX Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-2-F3 CEL-PS9822-2-F3 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-2-F3-AX CEL-PS9822-2-F3-AX Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9822-2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8821-1 RENESAS-PS8821-1 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com