Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9513L2-E3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS9513L2-E3
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513L2-E3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS9513L2-E3 Datasheet HTML 1Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9513L2-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet PN10679EJ03V0DS
4
PS9513,PS9513L1,PS9513L2 PS9513L3
PHOTOCOUPLER CONSTRUCTION
Parameter
PS9513, PS9513L3
PS9513L1, PS9513L2
Air Distance (MIN.)
7 mm
8 mm
Outer Creepage Distance (MIN.)
7 mm
8 mm
Isolation Distance (MIN.)
0.4 mm
0.4 mm
FUNCTIONAL DIAGRAM
8
6
5
2
3
LED
Output
ON
L
OFF
H
Shield
MARKING EXAMPLE
9513
N 931
No. 1 pin
Mark
Type Number
Assembly Lot
Year Assembled
(Last 1 Digit)
9 31
N
Rank Code
In-house Code
(L or T)
Week Assembled
<R>


Similar Part No. - PS9513L2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513L2-E3 CEL-PS9513L2-E3 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513L2-E3-AX CEL-PS9513L2-E3-AX Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9513L2-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS9713 CEL-PS9713 Datasheet
70Kb / 7P
   1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9213_V1 CEL-PS9213_V1 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com