Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9513L1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9513L1
Description  1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9513L1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9513L1 Datasheet HTML 6Page - Renesas Technology Corp PS9513L1 Datasheet HTML 7Page - Renesas Technology Corp PS9513L1 Datasheet HTML 8Page - Renesas Technology Corp PS9513L1 Datasheet HTML 9Page - Renesas Technology Corp PS9513L1 Datasheet HTML 10Page - Renesas Technology Corp PS9513L1 Datasheet HTML 11Page - Renesas Technology Corp PS9513L1 Datasheet HTML 12Page - Renesas Technology Corp PS9513L1 Datasheet HTML 13Page - Renesas Technology Corp PS9513L1 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet PN10679EJ03V0DS
10
PS9513,PS9513L1,PS9513L2 PS9513L3
Forward Current IF (mA)
OUTPUT CURRENT vs. FORWARD CURRENT
0
5
10
15
20
2
4
6
8
10
12
14
VO = 0.6 V
–40
°C
+25
°C
TA = +100
°C
Forward Current IF (mA)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. FORWARD CURRENT
0
5
10
15
20
VCC = 15 V,
CL = 100 pF,
RL = 20 k
Ω
100
200
300
400
500
600
700
tPHL
tPLH
tPLH – tPHL
Supply Voltage VCC (V)
PROPAGATION DELAY TIME,
MAXIMUM PROPAGATION DELAYS
vs. SUPPLY VOLTAGE
IF = 10 mA,
CL = 100 pF,
RL = 20 k
Ω
010
20
30
40
1 800
1 600
1 400
1 200
1 000
800
600
400
200
tPLH – tPHL
tPLH
tPHL
Load Capacitance CL (pF)
PROPAGATION DELAY TIME vs.
LOAD CAPACITANCE
0
100
200
300
400
VCC = 15 V,
IF = 10 mA,
RL = 20 k
Ω
500
1 800
1 600
1 400
1 200
1 000
800
600
400
200
tPHL
tPLH
Ambient Temperature TA (
°C)
OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
–40
–20
0
20
40
60
80
100
0.70
0.80
0.75
0.85
0.95
1.05
0.90
1.00
1.10
IF = 10 mA,
VO = 0.6 V
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
0
100
200
300
400
500
600
700
VCC = 15 V,
IF = 10 mA,
CL = 100 pF,
RL = 20 k
Ω
–40
–20
0
20
40
60
80
100
tPHL
tPLH
PWD
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9513L1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513L1 CEL-PS9513L1 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513L1-AX CEL-PS9513L1-AX Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513L1-V CEL-PS9513L1-V Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
PS9513L1-V-AX CEL-PS9513L1-V-AX Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9513L1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9513 CEL-PS9513 Datasheet
1Mb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9613 RENESAS-PS9613 Datasheet
291Kb / 19P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS9713 CEL-PS9713 Datasheet
70Kb / 7P
   1 Mbps, OPEN-COLLECTOR OUTPUT FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
NEC
PS9613 NEC-PS9613 Datasheet
84Kb / 6P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9613 CEL-PS9613 Datasheet
409Kb / 13P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9713 NEC-PS9713 Datasheet
77Kb / 7P
   1 Mbps, OPEN COLLECTOR OUTPUT, FOR GATE DRIVE INTERFACE INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9213_V1 CEL-PS9213_V1 Datasheet
256Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
Renesas Technology Corp
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
   1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com