Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9402-V-E3 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # PS9402-V-E3
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9402-V-E3 Datasheet(HTML) 5 Page - Renesas Technology Corp

  PS9402-V-E3 Datasheet HTML 1Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 2Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 3Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 4Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 5Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 6Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS9402-V-E3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PS9402
Chapter Title
R08DS0014EJ0100 Rev.1.00
Page 5 of 22
Jun 22, 2012
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Forward Current
*1
IF
25
mA
Peak Transient Forward Current
(Pulse Width < 1
μs)
IF (TRAN)
1.0
A
Reverse Voltage
VR
5
V
Input Supply Voltage
VCC1
0 to 5.5
V
Input IC Power Dissipation
*2
PI
80
mW
High Level Peak Output Current
*3
IOH (PEAK)
2.5
A
Low Level Peak Output Current
*3
IOL (PEAK)
2.5
A
FAULT Output Current
IFAULT
8
mA
FAULT Pin Voltage
VFAULT
0 to VCC1
V
Total Output Supply Voltage
(VCC2 − VEE)
0 to 33
V
Negative Output Supply Voltage
(VE − VEE)
0 to 15
V
Output Voltage
VO
0 to VCC2
V
Peak Clamping Sinking Current
IClamp
1.7
A
Miller Clamping Pin Voltage
VClamp
0 to VCC2
V
DESAT Voltage
VDESAT
VE to VE + 10
V
Output IC Power Dissipation
*4
PO
300
mW
Isolation Voltage
*5
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−40 to +110
°C
Storage Temperature
Tstg
−55 to +125
°C
Notes: *1. Reduced to 0.52 mA/
°C at T
A = 85°C or more.
*2. Reduced to 1.6 mW/
°C at T
A = 75°C or more.
*3. Maximum pulse width = 10
μs, Maximum duty cycle = 0.2%
*4. Reduced to 5.5 mW/
°C at T
A = 70°C or more.
*5. AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-8 shorted together, 9-16 shorted together.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
MAX.
Unit
Total Output Supply Voltage
(VCC2 − VEE)
15
30
V
Negative Output Supply Voltage
(VE − VEE)
0
15
V
Positive Output Supply Voltage
(VCC2 − VE)
15
30
− (V
E − VEE)V
Forward Current (ON)
IF (ON)
8
12
mA
Forward Voltage (OFF)
VF (OFF)
−2
0.8
V
Operating Ambient Temperature
TA
−40
110
°C
<R>
<R>
<R>


Similar Part No. - PS9402-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9402-V-E3 RENESAS-PS9402-V-E3 Datasheet
342Kb / 17P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9402-V-E3 CEL-PS9402-V-E3 Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PS9402-V-E3-AX CEL-PS9402-V-E3-AX Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
More results

Similar Description - PS9402-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9402 CEL-PS9402 Datasheet
4Mb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9402 RENESAS-PS9402 Datasheet
342Kb / 17P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9331L RENESAS-PS9331L_15 Datasheet
360Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9331L CEL-PS9331L Datasheet
2Mb / 12P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com