Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9317L Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS9317L
Description  HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9317L Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS9317L Datasheet HTML 3Page - Renesas Technology Corp PS9317L Datasheet HTML 4Page - Renesas Technology Corp PS9317L Datasheet HTML 5Page - Renesas Technology Corp PS9317L Datasheet HTML 6Page - Renesas Technology Corp PS9317L Datasheet HTML 7Page - Renesas Technology Corp PS9317L Datasheet HTML 8Page - Renesas Technology Corp PS9317L Datasheet HTML 9Page - Renesas Technology Corp PS9317L Datasheet HTML 10Page - Renesas Technology Corp PS9317L Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet PN10690EJ04V0DS
7
PS9317L,PS9317L2
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
MAXIMUM FORWARD CURRENT
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Forward Voltage VF (V)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Forward Current IF (mA)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
SUPPLY CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
20
40
60
80
100
0
85
5
10
15
20
25
20
40
60
80
85
100
0
20
10
30
50
40
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +85
°C
+50
°C
+25
°C
0
°C
–40
°C
–50
–25
0
25
50
75
100
10
8
6
4
2
0
ICCL (IF = 10 mA)
Vcc = 5.5 V
ICCH (IF = 0 mA)
1
2
3
4
6
6
5
4
3
2
1
0
5
VCC = 5.5 V
RL = 350
Ω
1.0 k
Ω
4.0 k
Ω
–50
–25
0
25
50
75
100
IF = 5.0 mA,
VCC = 5.5 V
0.5
0.4
0.3
0.2
0.1
0
13.0 mA
10.0 mA
6.0 mA
IOL = 16.0 mA
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - PS9317L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L-AX CEL-PS9317L-AX Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L-E3 CEL-PS9317L-E3 Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L-E3-AX CEL-PS9317L-E3-AX Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9317L-E3-V CEL-PS9317L-E3-V Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9317L

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9313L RENESAS-PS9313L Datasheet
181Kb / 16P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9313L CEL-PS9313L Datasheet
228Kb / 17P
   1 Mbps, OPEN COLLECTOR OUTPUT TYPE, HIGH CMR, INTELLIGENT POWER MODULE DRIVE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9687L1 CEL-PS9687L1 Datasheet
409Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 8 mm
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com