Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9816G6JH-6I Datasheet(PDF) 8 Page - Winbond

Part # W9816G6JH-6I
Description  512K X 2 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9816G6JH-6I Datasheet(HTML) 8 Page - Winbond

Back Button W9816G6JH-6I Datasheet HTML 4Page - Winbond W9816G6JH-6I Datasheet HTML 5Page - Winbond W9816G6JH-6I Datasheet HTML 6Page - Winbond W9816G6JH-6I Datasheet HTML 7Page - Winbond W9816G6JH-6I Datasheet HTML 8Page - Winbond W9816G6JH-6I Datasheet HTML 9Page - Winbond W9816G6JH-6I Datasheet HTML 10Page - Winbond W9816G6JH-6I Datasheet HTML 11Page - Winbond W9816G6JH-6I Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
W9816G6JH
Publication Release Date: Jun. 24, 2014
- 8 -
Revision: A01
7.5
Burst Read Command
The Burst Read command is initiated by applying logic low level to CS and C A S while holding
R A S
and WE high at the rising edge of the clock. The address inputs determine the starting column
address for the burst. The Mode Register sets type of burst (sequential or interleave) and the burst
length (1, 2, 4, 8 and full page) during the Mode Register Set Up cycle.
7.6
Burst Write Command
The Burst Write command is initiated by applying logic low level to CS , C A S and WE
while
holding R A S high at the rising edge of the clock. The address inputs determine the starting column
address. Data for the first burst write cycle must be applied on the DQ pins on the same clock cycle
that the Write Command is issued. The remaining data inputs must be supplied on each subsequent
rising clock edge until the burst length is completed. Data supplied to the DQ pins after burst finishes
will be ignored.
7.7
Read Interrupted by a Read
A Burst Read may be interrupted by another Read Command. When the previous burst is interrupted,
the remaining addresses are overridden by the new read address with the full burst length. The data
from the first Read Command continues to appear on the outputs until the CAS Latency from the
interrupting Read Command the is satisfied.
7.8
Read Interrupted by a Write
To interrupt a burst read with a Write Command, DQM may be needed to place the DQs (output
drivers) in a high impedance state to avoid data contention on the DQ bus. If a Read Command will
issue data on the first and second clocks cycles of the write operation, DQM is needed to insure the
DQs are tri-stated. After that point the Write Command will have control of the DQ bus and DQM
masking is no longer needed.
7.9
Write Interrupted by a Write
A burst write may be interrupted before completion of the burst by another Write Command. When the
previous burst is interrupted, the remaining addresses are overridden by the new address and data
will be written into the device until the programmed burst length is satisfied.
7.10 Write Interrupted by a Read
A Read Command will interrupt a burst write operation on the same clock cycle that the Read
Command is activated. The DQs must be in the high impedance state at least one cycle before the
new read data appears on the outputs to avoid data contention. When the Read Command is
activated, any residual data from the burst write cycle will be ignored.


Similar Part No. - W9816G6JH-6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results

Similar Description - W9816G6JH-6I

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6IB WINBOND-W9816G6IB Datasheet
745Kb / 42P
   512K ??2 BANKS ??16 BITS SDRAM
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com