Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9816G6JB-6I Datasheet(PDF) 4 Page - Winbond

Part # W9816G6JB-6I
Description  512K X 2 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9816G6JB-6I Datasheet(HTML) 4 Page - Winbond

  W9816G6JB-6I Datasheet HTML 1Page - Winbond W9816G6JB-6I Datasheet HTML 2Page - Winbond W9816G6JB-6I Datasheet HTML 3Page - Winbond W9816G6JB-6I Datasheet HTML 4Page - Winbond W9816G6JB-6I Datasheet HTML 5Page - Winbond W9816G6JB-6I Datasheet HTML 6Page - Winbond W9816G6JB-6I Datasheet HTML 7Page - Winbond W9816G6JB-6I Datasheet HTML 8Page - Winbond W9816G6JB-6I Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
W9816G6JB
Publication Release Date: Jul. 03, 2014
- 4 -
Revision: A01
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
SELF REFRESH CURRENT
(MAX)
OPERATING
TEMPERATURE
W9816G6JB-5
200MHz/CL3
2mA
0°C ~ 70°C
W9816G6JB-6
166MHz/CL3
2mA
0°C ~ 70°C
W9816G6JB-6I
166MHz/CL3
2mA
-40°C ~ 85°C
W9816G6JB-7
143MHz/CL3
2mA
0°C ~ 70°C
W9816G6JB-7I
143MHz/CL3
2mA
-40°C ~ 85°C
4.
BALL CONFIGURATION
Top View
7
6
2
1
C
B
A
P
N
G
D
E
M
H
L
F
K
R
J
VSS
VSS
DQ14
DQ13
DQ12
DQ10
DQ8
NC
NC
NC
CKE
BA
A8
A6
DQ9
DQ15
A4
VSSQ
VDDQ
DQ11
VSSQ
NC
NC
UDQM
CLK
NC
A9
A7
A5
VDDQ
VDD
VDD
DQ1
DQ2
DQ3
DQ5
DQ7
NC
WE#
CAS#
CS#
NC
A10
A1
DQ6
DQ0
A3
VDDQ
VSSQ
DQ4
VDDQ
NC
NC
LDQM
RAS#
NC
NC
A0
A2
VSSQ
7
6
2
1
Bottom View
VDD
VDD
DQ1
DQ2
DQ3
DQ5
DQ7
NC
WE#
CAS#
CS#
NC
A10
A1
DQ6
DQ0
A3
VDDQ
VSSQ
DQ4
VDDQ
NC
NC
LDQM
RAS#
NC
NC
A0
A2
VSSQ
DQ15
A4
VSSQ
VDDQ
DQ11
VSSQ
NC
NC
UDQM
CLK
NC
A9
A7
A5
VDDQ
VSS
VSS
DQ14
DQ13
DQ12
DQ10
DQ8
NC
NC
NC
CKE
BA
A8
A6
DQ9
C
B
A
P
N
G
D
E
M
H
L
F
K
R
J


Similar Part No. - W9816G6JB-6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
More results

Similar Description - W9816G6JB-6I

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6IB WINBOND-W9816G6IB Datasheet
745Kb / 42P
   512K ??2 BANKS ??16 BITS SDRAM
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
W986432AH WINBOND-W986432AH Datasheet
1Mb / 44P
   512K x 4 BANKS x 32 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com