Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76139S3S Datasheet(PDF) 10 Page - Intersil Corporation

Part # HUF76139S3S
Description  75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76139S3S Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HUF76139S3S Datasheet HTML 2Page - Intersil Corporation HUF76139S3S Datasheet HTML 3Page - Intersil Corporation HUF76139S3S Datasheet HTML 4Page - Intersil Corporation HUF76139S3S Datasheet HTML 5Page - Intersil Corporation HUF76139S3S Datasheet HTML 6Page - Intersil Corporation HUF76139S3S Datasheet HTML 7Page - Intersil Corporation HUF76139S3S Datasheet HTML 8Page - Intersil Corporation HUF76139S3S Datasheet HTML 9Page - Intersil Corporation HUF76139S3S Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
6-163
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
SPICE Thermal Model
REV March 1998
HUF76139
CTHERM1 th 6 500e-2
CTHERM2 6 5 3e-2
CTHERM3 5 4 1e-2
CTHERM4 4 3 3e-2
CTHERM5 3 2 0.35e-1
CTHERM6 2 tl 1
RTHERM1 th 6 2.5e-4
RTHERM2 6 5 5e-4
RTHERM3 5 4 2.8e-3
RTHERM4 4 3 88e-3
RTHERM5 3 2 18e-2
RTHERM6 2 tl 0.5e-1
SABER Thermal Model
Saber thermal model HUF76139
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 = 500e-2
ctherm.ctherm2 6 5 = 3e-2
ctherm.ctherm3 5 4 = 1e-2
ctherm.ctherm4 4 3 = 3e-2
ctherm.ctherm5 3 2 = 0.35e-1
ctherm.ctherm6 2 tl = 1
rtherm.rtherm1 th 6 = 2.5e-4
rtherm.rtherm2 6 5 = 5e-4
rtherm.rtherm3 5 4 = 2.8e-3
rtherm.rtherm4 4 3 = 88e-3
rtherm.rtherm5 3 2 = 18e-2
rtherm.rtherm6 2 tl = 0.5e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE
HUF76139P3, HUF76139S3S


Similar Part No. - HUF76139S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76139S3S FAIRCHILD-HUF76139S3S Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76139S3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76139P3 FAIRCHILD-HUF76139P3 Datasheet
293Kb / 11P
   75A, 30V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76143P3 FAIRCHILD-HUF76143P3 Datasheet
287Kb / 11P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 FAIRCHILD-HUF76132P3 Datasheet
287Kb / 11P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76143P3 INTERSIL-HUF76143P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0055 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76132P3 INTERSIL-HUF76132P3 Datasheet
110Kb / 10P
   75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76445P3 INTERSIL-HUF76445P3 Datasheet
332Kb / 9P
   75A, 60V, 0.0075 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76145P3 INTERSIL-HUF76145P3 Datasheet
109Kb / 10P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76137P3 FAIRCHILD-HUF76137P3 Datasheet
289Kb / 11P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76145P3 FAIRCHILD-HUF76145P3 Datasheet
219Kb / 11P
   75A, 30V, 0.0045 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com