Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W9812G6KH-5 Datasheet(PDF) 5 Page - Winbond

Part # W9812G6KH-5
Description  2M X 4 BANKS X 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9812G6KH-5 Datasheet(HTML) 5 Page - Winbond

  W9812G6KH-5 Datasheet HTML 1Page - Winbond W9812G6KH-5 Datasheet HTML 2Page - Winbond W9812G6KH-5 Datasheet HTML 3Page - Winbond W9812G6KH-5 Datasheet HTML 4Page - Winbond W9812G6KH-5 Datasheet HTML 5Page - Winbond W9812G6KH-5 Datasheet HTML 6Page - Winbond W9812G6KH-5 Datasheet HTML 7Page - Winbond W9812G6KH-5 Datasheet HTML 8Page - Winbond W9812G6KH-5 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
W9812G6KH
Publication Release Date: Apr. 18, 2014
- 5 -
Revision: A02
5.
PIN DESCRIPTION
PIN NUMBER
PIN NAME
FUNCTION
DESCRIPTION
23
26, 22,
29
35
A0
 A11
Address
Multiplexed pins for row and column address.
Row address: A0
 A11. Column address: A0  A8.
20, 21
BS0, BS1
Bank Select
Select bank to activate during row address latch time,
or bank to read/write during address latch time.
2, 4, 5, 7, 8,
10, 11, 13, 42,
44, 45, 47, 48,
50, 51, 53
DQ0
DQ15
Data Input/
Output
Multiplexed pins for data output and input.
19
CS
Chip Select
Disable or enable the command decoder. When
command decoder is disabled, new command is
ignored and previous operation continues.
18
RAS
Row Address
Strobe
Command input. When sampled at the rising edge of
the clock, RAS , CAS and WE define the
operation to be executed.
17
CAS
Column Address
Strobe
Referred to RAS
16
WE
Write Enable
Referred to RAS
39, 15
LDQM,
UDQM
Input/Output
Mask
The output buffer is placed at Hi-Z (with latency of 2)
when DQM is sampled high in read cycle. In write
cycle, sampling DQM high will block the write
operation with zero latency.
38
CLK
Clock Inputs
System clock used to sample inputs on the rising edge
of clock.
37
CKE
Clock Enable
CKE controls the clock activation and deactivation.
When CKE is low, Power Down mode, Suspend mode
or Self Refresh mode is entered.
1, 14, 27
VDD
Power (+3.3V)
Power for input buffers and logic circuit inside DRAM.
28, 41, 54
VSS
Ground
Ground for input buffers and logic circuit inside DRAM.
3, 9, 43, 49
VDDQ
Power (+3.3V)
for I/O Buffer
Separated power from VDD, used for output buffers to
improve noise.
6, 12, 46, 52
VSSQ
Ground for I/O
Buffer
Separated ground from VSS, used for output buffers to
improve noise.
36, 40
NC
No Connection
No connection.


Similar Part No. - W9812G6KH-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6GH-6 WINBOND-W9812G6GH-6 Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6GH-6C WINBOND-W9812G6GH-6C Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6GH-6I WINBOND-W9812G6GH-6I Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6GH-75 WINBOND-W9812G6GH-75 Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
More results

Similar Description - W9812G6KH-5

ManufacturerPart #DatasheetDescription
logo
Winbond
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9812G6GH WINBOND-W9812G6GH Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6JB WINBOND-W9812G6JB Datasheet
862Kb / 42P
   2M x 4 BANKS 瑗?16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JT WINBOND-W9864G6JT_13 Datasheet
867Kb / 42P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com