Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W632GU8KB-11 Datasheet(PDF) 6 Page - Winbond

Part # W632GU8KB-11
Description  32M X 8 BANKS X 8 BIT DDR3L SDRAM
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GU8KB-11 Datasheet(HTML) 6 Page - Winbond

Back Button W632GU8KB-11 Datasheet HTML 2Page - Winbond W632GU8KB-11 Datasheet HTML 3Page - Winbond W632GU8KB-11 Datasheet HTML 4Page - Winbond W632GU8KB-11 Datasheet HTML 5Page - Winbond W632GU8KB-11 Datasheet HTML 6Page - Winbond W632GU8KB-11 Datasheet HTML 7Page - Winbond W632GU8KB-11 Datasheet HTML 8Page - Winbond W632GU8KB-11 Datasheet HTML 9Page - Winbond W632GU8KB-11 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 160 page
background image
W632GU8KB
Publication Release Date: Jan. 20, 2015
Revision: A05
- 6 -
System level timing calibration support via write leveling and MPR read pattern
ZQ Calibration for output driver and ODT using external reference resistor to ground
Asynchronous RESET# pin for Power-up initialization sequence and reset function
Programmable on-die termination (ODT) for data, data mask and differential strobe pairs
Dynamic ODT mode for improved signal integrity and preselectable termination impedances during
writes
1K Byte page size
Packaged in WBGA 78 Ball (8x10.5 mm2), using lead free materials with RoHS compliant
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
OPERATING TEMPERATURE
W632GU8KB-11
DDR3L-1866 (13-13-13)
0°C
≤ TCASE ≤ 95°C
W632GU8KB-12
DDR3L-1600 (11-11-11)
0°C
≤ TCASE ≤ 95°C
W632GU8KB12I
DDR3L-1600 (11-11-11)
-40°C
≤ TCASE ≤ 95°C
W632GU8KB-15
DDR3L-1333 (9-9-9)
0°C
≤ TCASE ≤ 95°C
W632GU8KB15I
DDR3L-1333 (9-9-9)
-40°C
≤ TCASE ≤ 95°C


Similar Part No. - W632GU8KB-11

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-11 WINBOND-W632GU6KB-11 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-12 WINBOND-W632GU6KB-12 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB-15 WINBOND-W632GU6KB-15 Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GU6KB12I WINBOND-W632GU6KB12I Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
More results

Similar Description - W632GU8KB-11

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG8KB WINBOND-W632GG8KB Datasheet
3Mb / 159P
   32M X 8 BANKS X 8 BIT DDR3 SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
logo
Elite Semiconductor Mem...
M15T2G8256A ESMT-M15T2G8256A Datasheet
4Mb / 140P
   32M x 8 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W972GG8JB-3-TR WINBOND-W972GG8JB-3-TR Datasheet
1Mb / 87P
   32M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB Datasheet
1Mb / 86P
   32M ??8 BANKS ??8 BIT DDR2 SDRAM
W971GG8JB WINBOND-W971GG8JB_12 Datasheet
1Mb / 87P
   16M x 8 BANKS x 8 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com