Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9306L_15 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # PS9306L_15
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9306L_15 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button PS9306L_15_15 Datasheet HTML 6Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 7Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 8Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 9Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 10Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 11Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 12Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 13Page - Renesas Technology Corp PS9306L_15_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PS9306L,PS9306L2
Chapter Title
R08DS0017EJ0100 Rev.1.00
Page 10 of 19
Nov 10, 2011
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
–25
25
50
75
125
100
–50
0
2
06
47
35
30
25
20
15
10
5
7
6
5
4
3
2
1
0
–25
25
50
75
125
100
–50
0
VCC = 30 V,
VO > 5 V,
IO = 0 mA
50
45
40
35
30
25
20
15
10
5
0
25
50
75
125
100
0
25
50
75
125
100
0
300
250
200
150
100
50
0
Ambient Temperature TA (
°C)
DETECTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Forward Current IF (mA)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
OUTPUT VOLTAGE vs.
FORWARD CURRENT
Forward Voltage VF (V)
Ambient Temperature TA (
°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT VOLTAGE SUPPLY
VOLTAGE vs. AMBIENT TEMPERATURE
VCC = 30 V
VCC = 30 V,
IF = 10 mA,
IO = –100 mA
1.0
0.01
0.1
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
TA = +110
°C
+100
°C
+85
°C
+50
°C
+25
°C
0
°C
–40
°C
0
–0.5
–1
–1.5
–2
–2.5
–3
–3.5
–4
Remark
The graphs indicate nominal characteristics.
<
R>


Similar Part No. - PS9306L_15_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9306L_15_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL Datasheet
249Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
Dec 16, 2021
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
   2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com