Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W632GG8KB-12 Datasheet(PDF) 6 Page - Winbond

Part # W632GG8KB-12
Description  32M X 8 BANKS X 8 BIT DDR3 SDRAM
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W632GG8KB-12 Datasheet(HTML) 6 Page - Winbond

Back Button W632GG8KB-12 Datasheet HTML 2Page - Winbond W632GG8KB-12 Datasheet HTML 3Page - Winbond W632GG8KB-12 Datasheet HTML 4Page - Winbond W632GG8KB-12 Datasheet HTML 5Page - Winbond W632GG8KB-12 Datasheet HTML 6Page - Winbond W632GG8KB-12 Datasheet HTML 7Page - Winbond W632GG8KB-12 Datasheet HTML 8Page - Winbond W632GG8KB-12 Datasheet HTML 9Page - Winbond W632GG8KB-12 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
W632GG8KB
Publication Release Date: Jul. 28, 2014
Revision: A04
- 6 -
ZQ Calibration for output driver and ODT using external reference resistor to ground
Asynchronous RESET# pin for Power-up initialization sequence and reset function
Programmable on-die termination (ODT) for data, data mask and differential strobe pairs
Dynamic ODT mode for improved signal integrity and preselectable termination impedances during
writes
1K Byte page size
Interface: SSTL_15
Packaged in WBGA 78 Ball (8x10.5 mm2), using lead free materials with RoHS compliant
3.
ORDER INFORMATION
PART NUMBER
SPEED GRADE
OPERATING TEMPERATURE
W632GG8KB-11
DDR3-1866 (13-13-13)
0°C
≤ TCASE ≤ 95°C
W632GG8KB-12
DDR3-1600 (11-11-11)
0°C
≤ TCASE ≤ 95°C
W632GG8KB12I
DDR3-1600 (11-11-11)
-40°C
≤ TCASE ≤ 95°C
W632GG8KB-15
DDR3-1333 (9-9-9)
0°C
≤ TCASE ≤ 95°C
W632GG8KB15I
DDR3-1333 (9-9-9)
-40°C
≤ TCASE ≤ 95°C


Similar Part No. - W632GG8KB-12

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-11 WINBOND-W632GG6KB-11 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-12 WINBOND-W632GG6KB-12 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-15 WINBOND-W632GG6KB-15 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB12I WINBOND-W632GG6KB12I Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
More results

Similar Description - W632GG8KB-12

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M15T2G8256A ESMT-M15T2G8256A Datasheet
4Mb / 140P
   32M x 8 Bit x 8 Banks DDR3(L) SDRAM
M15F4G16256A ESMT-M15F4G16256A Datasheet
7Mb / 164P
   32M x 16 Bit x 8 Banks DDR3 SDRAM
M15T4G16256A ESMT-M15T4G16256A Datasheet
8Mb / 174P
   32M x 16 Bit x 8 Banks DDR3(L) SDRAM
logo
Winbond
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
W632GU8KB WINBOND-W632GU8KB Datasheet
3Mb / 160P
   32M X 8 BANKS X 8 BIT DDR3L SDRAM
logo
Elite Semiconductor Mem...
M15F4G8512A ESMT-M15F4G8512A Datasheet
4Mb / 153P
   64M x 8 Bit x 8 Banks DDR3 SDRAM
M15T4G8512A ESMT-M15T4G8512A Datasheet
4Mb / 174P
   64M x 8 Bit x 8 Banks DDR3(L) SDRAM
M16U4G16256A ESMT-M16U4G16256A Datasheet
1Mb / 53P
   32M x 16 Bit x 8 Banks DDR4 SDRAM
M15F5121632A ESMT-M15F5121632A Datasheet
6Mb / 160P
   4M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com