Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8821-2-F4 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS8821-2-F4
Description  1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8821-2-F4 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS8821-2-F4 Datasheet HTML 2Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 3Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 4Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 5Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 6Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 7Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 8Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 9Page - Renesas Technology Corp PS8821-2-F4 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 16 mA
1.7
2.2
V
Reverse Current
IR
VR = 3 V
10
μA
Forward Voltage
Temperature Coefficient
ΔVF/ΔTA IF = 16 mA
−2.1
mV/
°C
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz
30
pF
Detector
High Level Output Current
IOH
IF = 0 mA, VCC = VO = 3.3 V
0.01
1
μA
Low Level Output Voltage
VOL
IF = 16 mA, VCC = 3.3 V, IOL = 1.2 mA
0.1
0.4
V
High Level Supply Current
(PS8821-1)
ICCH
IF = 0 mA, VO = open, VCC = 3.3 V
0.1
10
μA
High Level Supply Current
(PS8821-2)
0.2
20
Low Level Supply Current
(PS8821-1)
ICCL
IF = 16 mA, VO = open, VCC = 3.3 V
100
Low Level Supply Current
(PS8821-2)
200
Coupled
Current Transfer Ratio
CTR
IF = 16 mA, VCC = 3.3 V, VO = 0.4 V
20
40
%
Input-Output
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%
10
11
Ω
Insulation Resistance
(Input-Input), (PS8821-2)
RI-I
VI-I = 5 VDC, RH = 40 to 60%
10
7
Input-Output
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz
0.6
pF
Insulation Capacitance
(Input-Input), (PS8821-2)
CI-I
0.3
Propagation Delay Time
(H
→ L)*1
tPHL
0.3
0.6
μs
Propagation Delay Time
(L
→ H)*1
tPLH
IF = 10 mA, VCC = 3.3 V, RL = 1.8 k
Ω,
CL = 15 pF, VTHHL = VTHLH = 1.5 V,
TA = 0 to 100°C
0.5
0.9
Common Mode
Transient Immunity at
High Level Output
*2
CMH
IF = 0 mA, VCC = 3.3 V, RL = 4.1 k
Ω,
VCM = 1 kV
1
kV/
μs
Common Mode
Transient Immunity at
Low Level Output
*2
CML
IF = 10 mA, VCC = 3.3 V, RL = 4.1 k
Ω,
VCM = 1 kV
−1
Data Sheet PN10591EJ03V0DS
6
PS8821-1,-2


Similar Part No. - PS8821-2-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8821-2-F4 CEL-PS8821-2-F4 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-2-F4-A CEL-PS8821-2-F4-A Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-2-F4-AX CEL-PS8821-2-F4-AX Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS8821-2-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com