Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8502L3-E3 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS8502L3-E3
Description  HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8502L3-E3 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS8502L3-E3 Datasheet HTML 5Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 6Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 7Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 8Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 9Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 10Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 11Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 12Page - Renesas Technology Corp PS8502L3-E3 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet PN10657EJ04V0DS
9
PS8502,PS8502L1,PS8502L2,PS8502L3
Ambient Temperature TA (
°C)
HIGH LEVEL OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Load Resistance RL (k
Ω)
PROPAGATION DELAY TIME,
vs. LORD RESISTANCE
10
1
0.1
10
100
1
1 000
1
0.1
100
10
50
100
–25
0
25
75
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME,
vs. AMBIENT TEMPERATURE
tPHL
tPLH
VCC = 5 V,
IF = 16 mA,
RL = 1.9 k
Ω
–50
–25
0
25
50
75
100
125
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Forward Current IF (mA)
OUTPUT VOLTAGE vs.
FORWARD CURRENT
6
7
5
4
2
0
3
1
12
16
20
48
26
10
14
18
VCC = 5 V
RL
VCC
IF
5.5 k
Ω
RL = 1.9 k
Ω
12 k
Ω
VCC = 5 V,
IF = 16 mA
tPLH
tPHL
IF = 0 mA
VCC = VO = 35 V
VCC = VO = 5.5 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS8502L3-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8502L3-E3 CEL-PS8502L3-E3 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502L3-E3-AX CEL-PS8502L3-E3-AX Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
More results

Similar Description - PS8502L3-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8501 RENESAS-PS8501 Datasheet
293Kb / 18P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS8501 CEL-PS8501 Datasheet
942Kb / 16P
   HIGH SPEED ANALOG OUTPUT TYPE 8 mm CREEPAGE 8-PIN PHOTOCOUPLER
logo
NEC
PS8601 NEC-PS8601 Datasheet
81Kb / 10P
   HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8601 RENESAS-PS8601 Datasheet
282Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS8601 CEL-PS8601 Datasheet
433Kb / 12P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8502 CEL-PS8502 Datasheet
961Kb / 17P
   HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PS8302L CEL-PS8302L Datasheet
223Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS8302L RENESAS-PS8302L Datasheet
234Kb / 18P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS8302 CEL-PS8302 Datasheet
614Kb / 16P
   1 Mbps, HIGH CMR, ANALOG OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com