Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7802A-1A-F3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS7802A-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD LOW ON-STATE RESISTANCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7802A-1A-F3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS7802A-1A-F3 Datasheet HTML 1Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 2Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 3Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 4Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 5Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 6Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 7Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 8Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2007, 2008
43
12
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
PIN CONNECTION
(Top View)
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS7802A-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side
(input side) and MOS FETs on the output side.
An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 50%
compared with the PS72xx series.
It is suitable for high-frequency signal control, due to its low C
× R, low output capacitance, and low off-state
leakage current.
FEATURES
• Ultra small flat-lead package (4.2 (L)
× 2.5 (W) × 1.85 (H) mm)
• Low C
× R (C × R = 12.6 pF • Ω)
• Low on-state resistance (Ron = 1.1
Ω TYP.)
• High pass characteristics (ERT = 45 ps TYP.)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7802A-1A-F3: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
APPLICATIONS
• Measurement equipment
<R>
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
4-PIN ULTRA SMALL FLAT-LEAD,
LOW ON-STATE RESISTANCE
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7802A-1A
Document No. PN10686EJ02V0DS (2nd edition)
Date Published October 2008 NS
Printed in Japan
−NEPOC Series−


Similar Part No. - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802A-1A-F3 NEC-PS7802A-1A-F3 Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A-F3 CEL-PS7802A-1A-F3 Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7802A-1A-F3-A NEC-PS7802A-1A-F3-A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A-F3-A CEL-PS7802A-1A-F3-A Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A_15 Datasheet
209Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE
PS7804-1A RENESAS-PS7804-1A Datasheet
163Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD LOW ON-STATE RESISTANC
logo
NEC
PS7802A-1A NEC-PS7802A-1A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7804-1A CEL-PS7804-1A Datasheet
182Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7802A-1A CEL-PS7802A-1A Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7804-1A NEC-PS7804-1A Datasheet
92Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A Datasheet
208Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Oct 22, 2012
logo
California Eastern Labs
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A Datasheet
219Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE
PS7801C-1A RENESAS-PS7801C-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com