Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7802A-1A-F3 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS7802A-1A-F3
Description  4-PIN ULTRA SMALL FLAT-LEAD LOW ON-STATE RESISTANCE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7802A-1A-F3 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS7802A-1A-F3 Datasheet HTML 1Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 2Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 3Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 4Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 5Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 6Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 7Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 8Page - Renesas Technology Corp PS7802A-1A-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PACKAGE DIMENSIONS (UNIT: mm)
2.5±0.3
4
3
12
N
0.2 MAX.
3.0 MAX.
1.27
0.4±0.1
0.2±0.1
4.6±0.2
MARKING EXAMPLE
801
8
N
01
Assembly lot
Week assembled
Year assembled
No.1 pin
mark
(Nicked
corner)
An initial of "NEC"
(Marking details)
Last number of
type No. : 2A
*1
*2
*1 The marking corresponds to the last two digits
of the part number below.
PS7802A-1A
*2 Bar : Pb-Free
2A
<R>
Data Sheet PN10686EJ02V0DS
2
PS7802A-1A


Similar Part No. - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7802A-1A-F3 NEC-PS7802A-1A-F3 Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A-F3 CEL-PS7802A-1A-F3 Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7802A-1A-F3-A NEC-PS7802A-1A-F3-A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802A-1A-F3-A CEL-PS7802A-1A-F3-A Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7802A-1A-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A_15 Datasheet
209Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE
PS7804-1A RENESAS-PS7804-1A Datasheet
163Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD LOW ON-STATE RESISTANC
logo
NEC
PS7802A-1A NEC-PS7802A-1A Datasheet
93Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7804-1A CEL-PS7804-1A Datasheet
182Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS7802A-1A CEL-PS7802A-1A Datasheet
180Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
NEC
PS7804-1A NEC-PS7804-1A Datasheet
92Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7904-1A RENESAS-PS7904-1A Datasheet
208Kb / 10P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
Oct 22, 2012
logo
California Eastern Labs
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
   4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A Datasheet
219Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE
PS7801C-1A RENESAS-PS7801C-1A Datasheet
322Kb / 15P
   4-PIN ULTRA SMALL FLAT-LEAD SUPER LOW OUTPUT CAPACITANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com