Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76129D3S Datasheet(PDF) 5 Page - Intersil Corporation

Part # HUF76129D3S
Description  20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76129D3S Datasheet(HTML) 5 Page - Intersil Corporation

  HUF76129D3S Datasheet HTML 1Page - Intersil Corporation HUF76129D3S Datasheet HTML 2Page - Intersil Corporation HUF76129D3S Datasheet HTML 3Page - Intersil Corporation HUF76129D3S Datasheet HTML 4Page - Intersil Corporation HUF76129D3S Datasheet HTML 5Page - Intersil Corporation HUF76129D3S Datasheet HTML 6Page - Intersil Corporation HUF76129D3S Datasheet HTML 7Page - Intersil Corporation HUF76129D3S Datasheet HTML 8Page - Intersil Corporation HUF76129D3S Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
02
3
1
0
15
30
45
VGS, GATE TO SOURCE VOLTAGE (V)
150oC
-55oC
25oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
60
4
VGS = 4V
VGS = 3.5V
0
15
30
012345
45
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 5V
VGS = 10V
VGS = 4.5V
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 3V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
18
21
24
30
12
4
VGS, GATE TO SOURCE VOLTAGE (V)
26
10
8
ID = 20A
ID = 10A
ID = 5A
15
27
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
1.6
-80
0
40
TJ, JUNCTION TEMPERATURE (
oC)
160
1.4
-40
80
120
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 20A
0.6
0.7
1.0
1.2
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
0.9
0.8
1.1
-80
0
40
160
-40
80
120
1.15
1.05
1.00
0.95
0.90
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
1.10
-80
0
40
160
-40
80
120
HUF76129D3, HUF76129D3S


Similar Part No. - HUF76129D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76129D3S FAIRCHILD-HUF76129D3S Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76129D3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76129D3 FAIRCHILD-HUF76129D3 Datasheet
282Kb / 11P
   20A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 FAIRCHILD-HUF76107D3 Datasheet
284Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107P3 FAIRCHILD-HUF76107P3 Datasheet
282Kb / 11P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76107P3 INTERSIL-HUF76107P3 Datasheet
369Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76107D3 INTERSIL-HUF76107D3 Datasheet
109Kb / 10P
   20A, 30V, 0.052 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com