Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7241E-1A-F4 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS7241E-1A-F4
Description  4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS7241E-1A-F4 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS7241E-1A-F4 Datasheet HTML 1Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 2Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 3Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 4Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 5Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 6Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 7Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 8Page - Renesas Technology Corp PS7241E-1A-F4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2004, 2010
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS7241E-1A is an optically coupled element that combines a GaAs infrared LED on the input side with a
normally-open MOS FET on the output side to realize an excellent cost performance.
The small, thin package and high sensitivity of this element makes it ideal for battery-driven mobile devices, and its
small offset voltage at power-on and good linearity are also make it suitable for controlling micro analog signals.
FEATURES
• Small and thin package (4-pin SOP, Height = 2.1 mm)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7241E-1A-E3, E4: 900 pcs/reel
: PS7241E-1A-F3, F4: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422
• BSI approved: No. 8241/8242
APPLICATIONS
• Laptop PC, PDA
• Modem card
• Telephone, FAX
• Measurement equipment
PIN CONNECTION
(Top View)
1. LED Anode
2. LED Cathode
3. MOS FET
4. MOS FET
43
12
<R>
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
1-ch Optical Coupled MOS FET
Solid State Relay
OCMOS FET
PS7241E-1A
Document No. PN10459EJ04V0DS (4th edition)
Date Published January 2010 NS
Printed in Japan
−NEPOC Series−


Similar Part No. - PS7241E-1A-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241E-1A-F4 CEL-PS7241E-1A-F4 Datasheet
363Kb / 7P
   NECs 4-PIN SOP 400 V BREAK DOWN VOLTAGE 1-CH OPTICALLY COUPLED MOS FET
logo
NEC
PS7241E-1A-F4 NEC-PS7241E-1A-F4 Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A-F4 RENESAS-PS7241E-1A-F4 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7241E-1A-F4 RENESAS-PS7241E-1A-F4 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7241E-1A-F4-A NEC-PS7241E-1A-F4-A Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
More results

Similar Description - PS7241E-1A-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7241-2A RENESAS-PS7241-2A_15 Datasheet
215Kb / 14P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7141E-2A RENESAS-PS7141E-2A Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
PS7241E-1A RENESAS-PS7241E-1A Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7241E-1A NEC-PS7241E-1A Datasheet
121Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1A RENESAS-PS7241E-1A_15 Datasheet
252Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241E-1B RENESAS-PS7241E-1B Datasheet
261Kb / 15P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7241-1B RENESAS-PS7241-1B Datasheet
273Kb / 16P
   4-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241E-1B NEC-PS7241E-1B Datasheet
106Kb / 13P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-1B CEL-PS7241-1B Datasheet
363Kb / 12P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com