Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF76121SK8 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HUF76121SK8
Description  8A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF76121SK8 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HUF76121SK8 Datasheet HTML 3Page - Intersil Corporation HUF76121SK8 Datasheet HTML 4Page - Intersil Corporation HUF76121SK8 Datasheet HTML 5Page - Intersil Corporation HUF76121SK8 Datasheet HTML 6Page - Intersil Corporation HUF76121SK8 Datasheet HTML 7Page - Intersil Corporation HUF76121SK8 Datasheet HTML 8Page - Intersil Corporation HUF76121SK8 Datasheet HTML 9Page - Intersil Corporation HUF76121SK8 Datasheet HTML 10Page - Intersil Corporation HUF76121SK8 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Thermal Resistance vs. Mounting Pad Area
The maximum rated junction temperature, TJM, and the ther-
mal resistance of the heat dissipating path determines the
maximum allowable device power dissipation, PDM, in an
application. Therefore the application’s ambient tempera-
ture, TA (
oC), and thermal resistance RθJA (oC/W) must be
reviewed to ensure that TJM is never exceeded. Equation 1
mathematically represents the relationship and serves as
the basis for establishing the rating of the part.
In using surface mount devices such as the SOP-8 package,
the environment in which it is applied will have a significant
influence on the part’s current and maximum power
dissipation ratings. Precise determination of PDM is complex
and influenced by many factors:
1. Mounting pad area onto which the device is attached and
whether there is copper on one side or both sides of the
board.
2. The number of copper layers and the thickness of the
board.
3. The use of external heat sinks.
4. The use of thermal vias.
5. Air flow and board orientation.
6. For non steady state applications, the pulse width, the
duty cycle and the transient thermal response of the part,
the board and the environment they are in.
Intersil provides thermal information to assist the designer’s
preliminary application evaluation. Figure 23 defines the
RθJA for the device as a function of the top copper (compo-
nent side) area. This is for a horizontally positioned FR-4
board with 1oz copper after 1000 seconds of steady state
power with no air flow. This graph provides the necessary
information for calculation of the steady state junction tem-
perature or power dissipation. Pulse applications can be
evaluated using the Intersil device Spice thermal model or
manually utilizing the normalized maximum transient thermal
impedance curve.
Thermal resistances corresponding to other copper areas can
be obtained from Figure 23 or by calculation using Equation 2.
RθJA is defined as the natural log of the area times a cofficient
added to a constant. The area, in square inches is the top
copper area including the gate and source pads.
The transient thermal impedance (ZθJA) is also effected by
varied top copper board area. Figure 24 shows the effect of
copper pad area on single pulse transient thermal
impedance. Each trace represents a copper pad area in
square inches corresponding to the descending list in the
graph. Spice and SABER thermal models are provided for
each of the listed pad areas.
Copper pad area has no perceivable effect on transient ther-
mal impedance for pulse widths less than 100ms. For pulse
widths less than 100ms the transient thermal impedance is
determined by the die and package. Therefore, CTHERM1
through CTHERM5 and RTHERM1 through RTHERM5
remain constant for each of the thermal models. A listing of
the model component values is available in Table 1.
(EQ. 1)
P
DM
T
JM
T
A
()
ZθJA
-------------------------------
=
(EQ. 2)
RθJA
83.2
23.6
Area
()
ln
×
=
120
160
200
240
0.1
1.0
80
0.01
RθJA = 83.2 - 23.6*ln(AREA)
152oC/W - 0.054in2
189oC/W - 0.0115in2
AREA, TOP COPPER AREA (in2)
FIGURE 23. THERMAL RESISTANCE vs MOUNTING PAD AREA
30
60
90
120
150
0
10-1
100
101
102
103
FIGURE 24. THERMAL IMPEDANCE vs MOUNTING PAD AREA
t, RECTANGULAR PULSE DURATION (s)
COPPER BOARD AREA - DESCENDING ORDER
0.04 in2
0.28 in2
0.52 in2
0.76 in2
1.00 in2
HUF76121SK8


Similar Part No. - HUF76121SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76121S3S FAIRCHILD-HUF76121S3S Datasheet
287Kb / 11P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76121S3S INTERSIL-HUF76121S3S Datasheet
109Kb / 10P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121S3ST FAIRCHILD-HUF76121S3ST Datasheet
287Kb / 11P
   47A, 30V, 0.021 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results

Similar Description - HUF76121SK8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76121D3 FAIRCHILD-HUF76121D3 Datasheet
281Kb / 11P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Intersil Corporation
HUF76113SK8 INTERSIL-HUF76113SK8 Datasheet
384Kb / 11P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76132SK8 INTERSIL-HUF76132SK8 Datasheet
123Kb / 11P
   11.5A, 30V, 0.0115 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113SK8 FAIRCHILD-HUF76113SK8 Datasheet
326Kb / 12P
   6.5A, 30V, 0.030 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76113T3ST INTERSIL-HUF76113T3ST Datasheet
175Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
   10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76113T3ST FAIRCHILD-HUF76113T3ST Datasheet
614Kb / 12P
   4.7A, 30V, 0.031 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com