Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SER2915L-222KL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # SER2915L-222KL
Description  Extremely low DCR; Current handling to >100 Amps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SER2915L-222KL Datasheet(HTML) 1 Page - Coilcraft lnc.

  SER2915L-222KL Datasheet HTML 1Page - Coilcraft lnc. SER2915L-222KL Datasheet HTML 2Page - Coilcraft lnc. SER2915L-222KL Datasheet HTML 3Page - Coilcraft lnc. SER2915L-222KL Datasheet HTML 4Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shielded Power Inductors - SER2900
Document 644-1
Inductance2
DCR3
SRF
Isat (A)5
Irms (A)6
±10%
(mOhms)
typ4
10% 20%
30% 20°C 40°C
Part number1
(µH)
nom max (MHz)
drop drop
drop
rise
rise
SER2915L-152KL
1.5
1.50
1.65
60
100
>100
>100
20
30
SER2915H-222KL
2.2
1.86
2.05
40
100
>100
>100
20
30
SER2915L-222KL
2.2
1.50
1.65
50
82.0
84.0
84.8
20
30
SER2918H-332KL
3.3
2.60
2.86
40
91.0
92.5
93.6
20
28
SER2915H-332KL
3.3
1.86
2.05
30
62.0
66.9
68.4
20
30
SER2915L-332KL
3.3
1.50
1.65
40
48.0
54.0
57.0
20
30
SER2918H-472KL
4.7
2.60
2.86
30
59.0
61.2
62.4
20
28
SER2915H-472KL
4.7
1.86
2.05
25
42.0
48.0
50.1
20
30
SER2915L-472KL
4.7
1.50
1.65
30
33.0
36.9
39.0
20
30
SER2918H-682KL
6.8
2.60
2.86
25
42.0
45.0
45.9
20
28
SER2915H-682KL
6.8
1.86
2.05
20
30.0
34.5
36.2
20
30
SER2915L-682KL
6.8
1.50
1.65
25
22.0
26.0
27.8
20
30
SER2918H-103KL
10
2.60
2.86
20
28.0
31.2
32.1
20
28
SER2915H-103KL
10
1.86
2.05
15
18.0
21.5
23.4
20
30
SER2915L-103KL
10
1.50
1.65
20
13.0
16.2
17.6
20
30
SER2918H-153KL
15
2.60
2.86
16
18.0
21.2
21.9
20
28
SER2915H-153KL
15
1.86
2.05
12
11.5
14.0
15.2
20
30
SER2915L-153KL
15
1.50
1.65
15
7.5
9.8
11.0
20
30
SER2918H-223KL
22
2.60
2.86
15
12.0
14.0
15.0
20
28
SER2915H-223KL
22
1.86
2.05
10
7.0
8.6
9.6
20
30
SER2915L-223KL
22
1.50
1.65
10
4.5
6.0
6.8
20
30
SER2918H-333KL
33
2.60
2.86
10
7.0
8.7
9.6
20
28
SER2915H-333KL
33
1.86
2.05
8
4.0
5.1
5.9
20
30
SER2915L-333KL
33
1.50
1.65
7
2.0
2.6
3.3
20
30
Core material Ferrite
Terminations Leads: RoHS compliant tin-silver over copper
Base pad: RoHS compliant gold over nickel over phos bronze
Other terminations available at additional cost.
Weight SER2915L–28.5g; SER2915H–29.7g; SER2918H–35.7 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tray packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 25 pieces per tray
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
• Same electrical specifications as Coilcraft’s SER2800
• Extremely low DCR; Current handling to >100 Amps
• Third mounting pad for greater stability and board adhesion
1. When ordering, specify
termination code:
SER2915-333KL
Termination: L = RoHS compliant tin-silver
over copper.
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead
(63/37).
2. Inductance measured at 500 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or
equivalent.
3. DCR measured on a Keithley 580 micro-
ohmmeter or equivalent.
4. SRF measured using an Agilent/HP 4395A
network analyzer and an Agilent/HP 16092A
test fixture.
5. Peak dc current at which the inductance
drops the specified amount from its value
without current. When
Isat rating is less than
Irms, Isat is the more critical specification.
6. Current that causes the specified tempera-
ture rise from 25°C ambient. When
Irms is
greater than
Isat, Isat is the more critical
specification, and
Irms is shown in gray type.
See Temperature Rise vs Current curve on
next page.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.
Document 644-1 Revised 08/28/14


Similar Part No. - SER2915L-222KL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
SER2915L-222KL COILCRAFT-SER2915L-222KL Datasheet
324Kb / 4P
   SMT Power Inductors
More results

Similar Description - SER2915L-222KL

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-848-005 APITECH-54-848-005 Datasheet
252Kb / 2P
   Current ratings up to 100 Amps
logo
STMicroelectronics
STEVAL-ISA079V1 STMICROELECTRONICS-STEVAL-ISA079V1 Datasheet
271Kb / 4P
   Extremely low quiescent current
March 2012 Rev 1
logo
Coilcraft lnc.
1008LS COILCRAFT-1008LS_13 Datasheet
139Kb / 2P
   Lower DCR than other 1008 inductors, Ferrite construction for high current handling
logo
STMicroelectronics
STEVAL-ISA078V1 STMICROELECTRONICS-STEVAL-ISA078V1 Datasheet
1Mb / 4P
   Extremely low quiescent current
March 2012 Rev 1
logo
Coilcraft lnc.
LPS4018 COILCRAFT-LPS4018_12 Datasheet
204Kb / 2P
   Very low DCR; excellent current handling, 4.0 횞 4.0 mm footprint; less than 1.8 mm tall
logo
IXYS Corporation
CPC5608 IXYS-CPC5608 Datasheet
98Kb / 4P
   Extremely Low Static Current Draw
logo
Bourns Electronic Solut...
1140-1R8M-RC BOURNS-1140-1R8M-RC Datasheet
434Kb / 1P
   Very high current capacity Low DCR
logo
Coilcraft lnc.
LPS3015 COILCRAFT-LPS3015_11 Datasheet
295Kb / 2P
   Very low DCR; excellent current handling, Miniature 3.0 횞 3.0 mm footprint; less than 1.5 mm tall
logo
KODENSHI_AUK CORP.
DN100S KODENSHI-DN100S Datasheet
252Kb / 4P
   Extremely low collector-to-emitter
DN030U KODENSHI-DN030U Datasheet
296Kb / 4P
   Extremely low collector-to-emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com