Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041A Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 3 Page - Analog Devices

  ADM1041A_15 Datasheet HTML 1Page - Analog Devices ADM1041A_15 Datasheet HTML 2Page - Analog Devices ADM1041A_15 Datasheet HTML 3Page - Analog Devices ADM1041A_15 Datasheet HTML 4Page - Analog Devices ADM1041A_15 Datasheet HTML 5Page - Analog Devices ADM1041A_15 Datasheet HTML 6Page - Analog Devices ADM1041A_15 Datasheet HTML 7Page - Analog Devices ADM1041A_15 Datasheet HTML 8Page - Analog Devices ADM1041A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
ADM1041A
Rev. 0 | Page 3 of 56
GENERAL DESCRIPTION
The ADM1041A is a secondary-side and management IC spec-
ifically designed to minimize external component counts and to
eliminate the need for manual calibration or adjustment on the
secondary-side controller. The principle application of this IC is
to provide voltage control, current share, and housekeeping
functions for single output in N+1 server power supplies.
The ADM1041A is manufactured with a 5 V CMOS process
and combines digital and analog circuitry. An internal
EEPROM provides added flexibility for trimming timing and
voltage and selecting various functions. Programming is done
via an SMBus serial port that also allows communication
capability with a microprocessor or microcontroller.
The usual configuration using this IC is on a one-per-output
voltage rail. Output from the IC can be wire-OR’ed together or
bused in parallel and read by a microprocessor. A key feature on
this IC is support for an OrFET circuit when higher efficiency
or power density is required.
SAMPLE APPLICATION CIRCUIT DESCRIPTION
Figure 1 shows a sample application circuit using the
ADM1041A. The primary side is not detailed and the focus is
on the secondary side of the power supply.
The ADM1041A controls the output voltage from the power
supply to the designed programmed value. This programmed
value is determined during power supply design and is digitally
adjusted via the serial interface. Digital adjustment of the
current sense and current limit is also calibrated via the serial
interface, as are all of the internal timing specifications.
The control loop consists of a number of elements, notably the
inputs to the loop and the output of the loop. The ADM1041A
takes the loop inputs and determines what, if any, adjustments
are needed to maintain a stable output. To maintain a stable
loop, the ADM1041A uses three main inputs:
Remote voltage sense
Load current sense
Current sharing information
In this example, a resistor divider senses the output current as a
voltage drop across a sense resistor (RS) and feeds a portion
into the ADM1041A. Remote local voltage sense is monitored
via VS+ and VS− pins. Finally, current sharing information is fed
back via the share bus. These three elements are summed
together to generate a control signal (VCMP), which closes the
loop via an optocoupler to the primary side PWM controller.
Another key feature of the ADM1041A is its control of an
OrFET. The OrFET causes lower power dissipation across the
OR'ing diode. The main function of the OrFET is to disconnect
the power supply from the load in the event of a fault occurring
during steady state operation, for example, if a filter capacitor or
rectifier fails and causes a short. This eliminates the risk of
bringing down the load voltage that is supplied by the redun-
dant configuration of other power supplies. In the case of a
short, a reverse voltage is generated across the OrFET. This
reverse voltage is detected by the ADM1041A and the OrFET is
shut down via the FG pin. This intervention prevents any
interruption on the power supply bus. The ADM1041A can
then be interrogated via the serial interface to determine why
the power supply has shut down.
This application circuit also demonstrates how temperature can
be monitored within a power supply. A thermistor is connected
between the VDD and MON2 pins. The thermistor’s voltage
varies with temperature. The MON2 input can be programmed
to trip a flag at a voltage corresponding to an overheating power
supply. The resulting action may be to turn on an additional
cooling fan to help regulate the temperature within the power
supply.
RSENSE
ADM1041A
PWM +
PRIMARY
DRIVER
OPTO-
COUPLER
AC PULSE
SENSE
DIFF CURRENT
SENSE
OrFET
CONTROL
ERROR
AMP
EEPROM AND
RAM AND TRIM
SMBus
CURRENT
SHARE
DIFF LOAD AND LOCAL
VOLTAGE SENSE
VOLT, TEMP MONITOR
AND FAULT DETECTION
SOFT
START
SHARE
BUS
μC
(
μC OR STANDALONE
OPERATION)
LOAD
Figure 2. Application Block Diagram
Differences Between the ADM1041A and ADM1041
For all new designs, it is recommended to use the ADM1041A.
The parts differ as follows:
• The ADM1041 allows the internal VREF voltage reference to
be accessed at Pin 18. This is not accessible using the
ADM1041A.
• The ADM1041A has longer V
DD
OK debounce and VDDOV
debounce than the ADM1041.
• The GND_OK Disable bit (Register 11h) does not disable
when using the ADM1041. It does disable when using the
ADM1041A.


Similar Part No. - ADM1041A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
More results

Similar Description - ADM1041A_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com