Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM869L Datasheet(PDF) 5 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 5 Page - Analog Devices

  ADM869L_15 Datasheet HTML 1Page - Analog Devices ADM869L_15 Datasheet HTML 2Page - Analog Devices ADM869L_15 Datasheet HTML 3Page - Analog Devices ADM869L_15 Datasheet HTML 4Page - Analog Devices ADM869L_15 Datasheet HTML 5Page - Analog Devices ADM869L_15 Datasheet HTML 6Page - Analog Devices ADM869L_15 Datasheet HTML 7Page - Analog Devices ADM869L_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. B
ADM869L
–5–
OUTPUT VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TPC 7. Normalized Output Current vs. Output Voltage
TEMPERATURE – C
0
–40
VIN = 3V
–20
0
20
40
60
80
50
100
150
200
250
300
350
VIN = 5V
TPC 8. Turn-On Time vs. Temperature
TEMPERATURE – C
0
–40
VIN = 3V OR 5V
–20
0
20
40
60
80
1
2
3
4
5
TPC 9. Turn-Off Time vs. Temperature


Similar Part No. - ADM869L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869LARQ AD-ADM869LARQ Datasheet
124Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. A
More results

Similar Description - ADM869L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L Datasheet
124Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. A
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com