Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM869L Datasheet(PDF) 4 Page - Analog Devices

Part # ADM869L
Description  2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM869L Datasheet(HTML) 4 Page - Analog Devices

  ADM869L_15 Datasheet HTML 1Page - Analog Devices ADM869L_15 Datasheet HTML 2Page - Analog Devices ADM869L_15 Datasheet HTML 3Page - Analog Devices ADM869L_15 Datasheet HTML 4Page - Analog Devices ADM869L_15 Datasheet HTML 5Page - Analog Devices ADM869L_15 Datasheet HTML 6Page - Analog Devices ADM869L_15 Datasheet HTML 7Page - Analog Devices ADM869L_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. B
ADM869L–Typical Performance Characteristics
–4–
INPUT VOLTAGE – Volts
–5
15
5
06
12
4
5
3
0
20
25
30
35
40
45
50
55
60
10
TPC 1. Quiescent Current vs. Input Voltage
TEMPERATURE – C
10.0
–40
11.5
13.0
–20
0
20
40
60
80
12.5
12.0
10.5
11.0
TPC 2. Quiescent Current vs. Temperature
TEMPERATURE – C
–1
–40
CURRENT
–20
0
20
40
60
80
1
3
5
7
9
TPC 3. Off-Supply Current vs. Temperature
TEMPERATURE – C
0
–40
OFF-SWITCH
CURRENT
–20
0
20
40
60
80
5
10
15
20
25
30
35
40
45
TPC 4. Off-Switch Current vs. Temperature
TEMPERATURE – C
0.7
–40
RESISTANCE
–20
0
20
40
60
80
0.8
0.9
1.0
1.1
1.2
1.3
TPC 5. Normalized On Resistance vs. Temperature
ISWITCH – A
800
0.4
VIN = 5V
0.6
1.0
1.4
1.8
2.2
VIN = 3V
850
900
950
1000
1050
1100
1150
1200
0.8
2.4
2.0
1.6
1.2
1250
1300
TPC 6. IOUT/ISET Ratio vs. Switch Current


Similar Part No. - ADM869L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869LARQ AD-ADM869LARQ Datasheet
124Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. A
More results

Similar Description - ADM869L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM869L AD-ADM869L Datasheet
124Kb / 8P
   2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown
REV. A
logo
Maxim Integrated Produc...
MAX869L MAXIM-MAX869L Datasheet
90Kb / 8P
   2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 0; 8/97
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
logo
STMicroelectronics
ST890B STMICROELECTRONICS-ST890B_07 Datasheet
440Kb / 17P
   1.2 A current limited high side power switch with thermal shutdown
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
logo
Maxim Integrated Produc...
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com