Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM810SAKSZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM810SAKSZ-REEL7
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM810SAKSZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM810SAKSZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM810SAKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
ADM803/ADM809/ADM810
Rev. I | Page 3 of 11
SPECIFICATIONS
VCC = full operating range, TA = TMIN to TMAX, VCC typical = 5 V for L/M/J models, 3.3 V for T/S models, 3 V for R models, and 2.5 V for
Z models, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCC OPERATING VOLTAGE RANGE
1.0
5.5
V
TA = 0°C to 70°C
1.2
5.5
V
TA = −40°C to +125°C
Supply Current
24
35
μA
VCC < 5.5 V, ADM8xxL/M/J, TA = −40°C to +85°C
17
30
μA
VCC < 3.6 V, ADM8xxR/S/T/Z, TA = −40°C to +85°C
60
μA
VCC < 5.5 V, ADM8xxL/M/J, TA = 85°C to 125°C
60
μA
VCC < 3.6 V, ADM8xxR/S/T/Z, TA = 85°C to 125° C
RESET VOLTAGE THRESHOLD
ADM8xxL
4.56
4.63
4.70
V
TA = 25°C
4.50
4.75
V
TA = −40°C to +85°C
4.44
4.82
V
TA = −40°C to +125°C
ADM8xxM
4.31
4.38
4.45
V
TA = 25°C
4.25
4.50
V
TA = −40°C to +85°C
4.20
4.56
V
TA = −40°C to +125°C
ADM8xxJ
3.93
4.00
4.06
V
TA = 25°C (ADM809/ADM810 only)
3.89
4.10
V
TA = −40°C to +85°C (ADM809/ADM810 only)
3.80
4.20
V
TA = −40°C to +125°C (ADM809/ADM810 only)
ADM8xxT
3.04
3.08
3.11
V
TA = 25°C
3.00
3.15
V
TA = −40°C to +85°C
2.95
3.21
V
TA = −40°C to +125°C
ADM8xxS
2.89
2.93
2.96
V
TA = 25°C
2.85
3.00
V
TA = −40°C to +85°C
2.81
3.05
V
TA = −40°C to +125°C
ADM8xxR
2.59
2.63
2.66
V
TA = 25°C
2.55
2.70
V
TA = −40°C to +85°C
2.52
2.74
V
TA = −40°C to +125°C
ADM8xxZ
2.28
2.32
2.35
V
TA = 25°C
2.25
2.38
V
TA = −40°C to +85°C
2.22
2.42
V
TA = −40°C to +125°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
30
ppm/°C
VCC to Reset Delay
20
μs
VCC = VTH to (VTH − 100 mV)
RESET ACTIVE TIMEOUT PERIOD
140
240
460
ms
TA = −40°C to +85°C
100
840
ms
TA = 85°C to 125°C
RESET OUTPUT VOLTAGE LOW (ADM803/ADM809)
0.3
V
VCC = VTH min, ISINK = 1.2 mA, ADM803R/S/T/Z,
ADM809R/S/T/Z
0.4
V
VCC = VTH min, ISINK = 3.2 mA, ADM803L/M/J,
ADM809L/M/J
0.3
V
VCC > 1.0 V, ISINK = 50 μA
RESET OUTPUT VOLTAGE HIGH (ADM809)
0.8 VCC
V
VCC > VTH max, ISOURCE = 500 μA, ADM809R/S/T/Z
VCC − 1.5
V
VCC > VTH max, ISOURCE = 800 μA, ADM809L/M/J
RESET OUTPUT VOLTAGE LOW (ADM810)
0.3
V
VCC = VTH min, ISINK = 1.2 mA, ADM810R/S/T/Z
0.4
V
VCC = VTH min, ISINK = 3.2 mA, ADM810L/M/J
RESET OUTPUT VOLTAGE HIGH (ADM810)
0.8 VCC
V
1.8 V < VCC < VTH min, ISOURCE = 150 μA
RESET OPEN-DRAIN OUTPUT
Leakage Current (ADM803)
1
μA
VCC > VTH, RESET deasserted


Similar Part No. - ADM810SAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM810SAKSZ-REEL72 AD-ADM810SAKSZ-REEL72 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
More results

Similar Description - ADM810SAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM823 AD-ADM823_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM823 AD-ADM823 Datasheet
180Kb / 10P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev.PrB
ADM825TYRJ-R7 AD-ADM825TYRJ-R7 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
Rev. D
ADM824 AD-ADM824_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
ADM825 AD-ADM825_15 Datasheet
206Kb / 12P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SC70 and SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com