Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF314 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MRF314
Description  The RF Line NPN Silicon Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF314 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF314_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF314_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF314_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF314_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF314_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
The RF Line NPN Silicon Power Transistor
30W, 30-200MHz, 28V
M/A-COM Products
Released - Rev. 05202009
MRF314
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Designed primarily for wideband large–signal driver and output
amplifier stages in the 30–200 MHz frequency range.
Guaranteed performance at 150 MHz, 28 Vdc
Output power = 30 W
Minimum gain = 10 dB
100% tested for load mismatch at all phase angles with
30:1 VSWR
Gold metallization system for high reliability applications
Product Image
CASE 211–07, STYLE 1


Similar Part No. - MRF314_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF314 MA-COM-MRF314_17 Datasheet
639Kb / 6P
   The RF Line NPN Silicon Power Transistor
More results

Similar Description - MRF314_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF327 MACOM-MRF327 Datasheet
193Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
   The RF Line NPN Silicon RF Power Transistor
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
   THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
   The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
   The RF Line NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com