Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF150 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MRF150
Description  RF Power FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF150 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MRF150_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF150_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
RF Power FET
150W, to 150MHz, 50V
M/A-COM Products
Released - Rev. 9
MRF150
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Figure 1. 30MHz test circuit, 30MHz


Similar Part No. - MRF150_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1500 MOTOROLA-MRF1500 Datasheet
103Kb / 4P
   MICROWAVE POWER TRANSISTOR
MRF15030 MOTOROLA-MRF15030 Datasheet
158Kb / 8P
   RF POWER TRANSISTOR
MRF15060 MOTOROLA-MRF15060 Datasheet
164Kb / 8P
   RF POWER BIPOLAR TRANSISTORS
MRF15060S MOTOROLA-MRF15060S Datasheet
164Kb / 8P
   RF POWER BIPOLAR TRANSISTORS
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
More results

Similar Description - MRF150_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141_15 Datasheet
337Kb / 11P
   RF Power FET
MRF141G MA-COM-MRF141G_15 Datasheet
431Kb / 11P
   RF Power FET
MRF141 MA-COM-MRF141_17 Datasheet
839Kb / 12P
   RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
   Linear RF Power FET
logo
Advanced Semiconductor
MRF182 ASI-MRF182 Datasheet
271Kb / 1P
   RF POWER FET TRANSISTOR
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
   Broadband RF Power FET
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
   Linear RF Power FET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
   TMOS BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com