Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT6051 Datasheet(PDF) 1 Page - ADTech

Part # ADT6051
Description  Dimmable CC / CV IC for LED Lighting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

ADT6051 Datasheet(HTML) 1 Page - ADTech

  ADT6051 Datasheet HTML 1Page - ADTech ADT6051 Datasheet HTML 2Page - ADTech ADT6051 Datasheet HTML 3Page - ADTech ADT6051 Datasheet HTML 4Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* This specifications are subject to be changed without notice
ADT6051
Dimmable Constant Current / Constant Voltage IC
http://www.ad-tech.co.kr
DEC. 15. 2014
1/4
Figure 1. Typical Application Circuit
The ADT6051 is a constant current and constant voltage IC for stable LED driving in a
secondary side. This IC is suitable for applications that require power line isolation for safety
and reliability, high conversion efficiency, as well as high LED current accuracy.
The ADT6051 contains 1) a constant current regulating amplifier with 300mV threshold and
within 1% current accuracy; 2) an VCC over voltage comparator to protect the IC when LED
string is open or broken; 3) a PWM and analog dimming control for LED lighting system;
4) and a DC output pin for driving an opto-coupler or sourcing power for the other devices.
The ADT6051 is offered in SOP8 package.
Dimmable CC / CV IC for LED Lighting
ADT6051
GENERAL DESCRIPTION
FEATURES
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
• Isolated LED lighting
• Dimmable LED lighting
• Secondary side LED current regulation
• Operating range up to 60V
• LED Current accuracy ≤ ±1%
• Analog dimming control
• PWM dimming control
• DC 5V output
• DC 5V output short protection
• VCC over voltage protection
• Over temperature protection
• SOP8 package
ADT6051
ADT6011
GD
Q1
COMP
INV
AC
LED
VCC
PWM
ADIM
VSEN
ISEN
GND
DC5V
OUT
• •


Similar Part No. - ADT6051

ManufacturerPart #DatasheetDescription
logo
ADTech
ADT6001 ADTECH-ADT6001 Datasheet
210Kb / 5P
   Constant current offline LED driver IC
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
ADT6031 ADTECH-ADT6031 Datasheet
406Kb / 7P
   LED Controller with Active PFC
More results

Similar Description - ADT6051

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
   Dimmable LED driver IC for Lighting
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
   SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
   Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
   SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
logo
Cypress Semiconductor
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
   Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
   Phase Dimmable PSR LED Driver IC for LED Lighting
logo
Cirrus Logic
CS1680 CIRRUS-CS1680 Datasheet
644Kb / 16P
   Dimmable LED Driver IC for Low-voltage Lighting
logo
Rohm
BD550FHG ROHM-BD550FHG Datasheet
919Kb / 21P
   AC/DC Controller IC for non-dimmable LED lighting
BD555BKFV ROHM-BD555BKFV Datasheet
737Kb / 13P
   BD555BKFV AC/DC Controller IC for mains dimmable LED lighting
logo
NXP Semiconductors
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
   Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com