Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUF75631SK8 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HUF75631SK8
Description  5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HUF75631SK8 Datasheet(HTML) 4 Page - Intersil Corporation

  HUF75631SK8 Datasheet HTML 1Page - Intersil Corporation HUF75631SK8 Datasheet HTML 2Page - Intersil Corporation HUF75631SK8 Datasheet HTML 3Page - Intersil Corporation HUF75631SK8 Datasheet HTML 4Page - Intersil Corporation HUF75631SK8 Datasheet HTML 5Page - Intersil Corporation HUF75631SK8 Datasheet HTML 6Page - Intersil Corporation HUF75631SK8 Datasheet HTML 7Page - Intersil Corporation HUF75631SK8 Datasheet HTML 8Page - Intersil Corporation HUF75631SK8 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. TRANSFER CHARACTERISTICS
FIGURE 8. SATURATION CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves (Continued)
10
100
10
200
200
0.1
1
100
µs
10ms
1ms
VDS, DRAIN TO SOURCE VOLTAGE (V)
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
TJ = MAX RATED
TA = 25
oC
SINGLE PULSE
100
RθJA = 50
oC/W
1
1
10
100
0.01
0.1
1
100
tAV, TIME IN AVALANCHE (ms)
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
10
0
10
20
30
50
234
5
6
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 150
oC
TJ = 25
oC
TJ = -55
oC
40
20
20
30
40
50
01
2
3
4
0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS =5V
VGS = 20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TA = 25
oC
VGS = 10V
VGS = 7V
VGS = 6V
10
0.5
1.0
1.5
2.0
2.5
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID = 5.5A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.6
0.8
1.0
1.2
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
HUF75631SK8


Similar Part No. - HUF75631SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75631SK8 FAIRCHILD-HUF75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
More results

Similar Description - HUF75631SK8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75631SK8 FAIRCHILD-HUF75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75631SK8 FAIRCHILD-HUFA75631SK8 Datasheet
251Kb / 11P
   5.5A, 100V, 0.039 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HUF76105SK8 INTERSIL-HUF76105SK8 Datasheet
123Kb / 12P
   5.5A, 30V, 0.050 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF75637P3 INTERSIL-HUF75637P3 Datasheet
332Kb / 9P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF75652G3 FAIRCHILD-HUF75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75631P3 INTERSIL-HUF75631P3 Datasheet
343Kb / 9P
   33A, 100V, 0.040 Ohm, N-Channel, UltraFET Power MOSFET
HUF75652G3 INTERSIL-HUF75652G3 Datasheet
344Kb / 9P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA75637P3 FAIRCHILD-HUFA75637P3 Datasheet
202Kb / 10P
   44A, 100V, 0.030 Ohm, N-Channel, UltraFET Power MOSFET
logo
Intersil Corporation
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUFA75652G3 FAIRCHILD-HUFA75652G3 Datasheet
195Kb / 10P
   75A, 100V, 0.008 Ohm, N-Channel UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com