Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40B10Y4 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # 40B10Y4
Description  Solid shaft 11 mm with EURO flange
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

40B10Y4 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  40B10Y4 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG 40B10Y4 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG 40B10Y4 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG 40B10Y4 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumer.com/motion
Incremental encoders
3
Connector
Assignment
Pin 5
Track A
Pin 6
Track A inv.
Pin 8
Track B
Pin 1
Track B inv.
Pin 3
Track N
Pin 4
Track N inv.
Pin 12
UB
Pin 10
GND
Pin 2
UB-Sense
Pin 11
GND-Sense
Pin 9
Pin 7
5
3
4
2
7
12
9
1
11
6
10
8
Terminal assignment
ITD 40 B10 Y 4
Solid shaft ø11 mm with EURO flange
200…2048 pulses per revolution
Track A
Track A
Track B
Track B
Clockwise rotation when looking at the mounting side.
BI-Output signals
90°
NI-Output signals
Track A
Track A
Track B
Track B
Track N
Track N
90°
90°
Output signals
Outputs
Linedriver
Output level High
≥2.4 V
Output level Low
≤0.5 V
Load
≤70 mA
Outputs
Push-pull short-circuit proof
Output level High
≥UB -3 V
Output level Low
≤1.5 V
Load
≤70 mA
Trigger level


Similar Part No. - 40B10Y4

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
   Solid shaft 첩11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
   Blind hollow shaft 10 mm with EURO flange
40B10Y5 IVO-40B10Y5 Datasheet
346Kb / 4P
   Solid shaft 11 mm with EURO flange
More results

Similar Description - 40B10Y4

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
4B10Y1 IVO-4B10Y1 Datasheet
371Kb / 4P
   Solid shaft 11 mm with EURO flange
4B10Y5 IVO-4B10Y5 Datasheet
346Kb / 4P
   Solid shaft 11 mm with EURO flange
41B10 IVO-41B10 Datasheet
322Kb / 4P
   Solid shaft 11 mm with EURO flange
4B10Y4 IVO-4B10Y4 Datasheet
371Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y5 IVO-40B10Y5 Datasheet
346Kb / 4P
   Solid shaft 11 mm with EURO flange
4B10 IVO-4B10 Datasheet
317Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10 IVO-40B10 Datasheet
359Kb / 4P
   Solid shaft 11 mm with EURO flange
40B10Y1 IVO-40B10Y1 Datasheet
371Kb / 4P
   Solid shaft 첩11 mm with EURO flange
40B10Y18 IVO-40B10Y18 Datasheet
381Kb / 4P
   Blind hollow shaft 10 mm with EURO flange
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com