Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM660 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM660
Description  CMOS Switched-Capacitor Voltage Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660 Datasheet(HTML) 3 Page - Analog Devices

  ADM660_15 Datasheet HTML 1Page - Analog Devices ADM660_15 Datasheet HTML 2Page - Analog Devices ADM660_15 Datasheet HTML 3Page - Analog Devices ADM660_15 Datasheet HTML 4Page - Analog Devices ADM660_15 Datasheet HTML 5Page - Analog Devices ADM660_15 Datasheet HTML 6Page - Analog Devices ADM660_15 Datasheet HTML 7Page - Analog Devices ADM660_15 Datasheet HTML 8Page - Analog Devices ADM660_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
REV.
ADM660/ADM8660
–3–
Power Dissipation, RU-16 . . . . . . . . . . . . . . . . . . . . . 500 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 158
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . – 40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2000 V
*This is a stress rating only; functional operation of the device at these or any other
conditions above those indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
*
(TA = +25
°C, unless otherwise noted.)
Input Voltage (V+ to GND, GND to OUT) . . . . . . . . +7.5 V
LV Input Voltage . . . . . . . . . . (OUT – 0.3 V) to (V+, +0.3 V)
FC and OSC Input Voltage
. . . . . . . . . . . (OUT – 0.3 V) or (V+, –6 V) to (V+, +0.3 V)
OUT, V+ Output Current (Continuous) . . . . . . . . . . . 120 mA
Output Short Circuit Duration to GND . . . . . . . . . . . 10 secs
Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . 625 mW
(Derate 8.3 mW/
°C above +50°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 120°C/W
Power Dissipation, R-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θJA, Thermal Impedance . . . . . . . . . . . . . . . . . . . . 170°C/W
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM660/ADM8660 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
C


Similar Part No. - ADM660_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Pulse A Technitrol Comp...
ADM6609 PULSE-ADM6609 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Analog Devices
ADM660AN AD-ADM660AN Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660AN AD-ADM660AN Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660AN AD-ADM660AN Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
More results

Similar Description - ADM660_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8660 AD-ADM8660_15 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
ADM660ARZ-REEL7 AD-ADM660ARZ-REEL7 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660 AD-ADM660 Datasheet
111Kb / 8P
   CMOS Switched-Capacitor Voltage Converters
REV. A
ADM660 AD-ADM660 Datasheet
288Kb / 12P
   CMOS Switched-Capacitor Voltage Converters
REV. B
ADM660,8660 AD-ADM660,8660_02 Datasheet
179Kb / 11P
   CMOS Switched-Capacitor Voltage Converters
REV. C
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com