Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-K-C-26-6-B-14-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AT-K-C-26-6-B-14-R
Description  NON-UL 26AWG (0.16/7)*6C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AT-K-C-26-6-B-14-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AT-K-C-26-6-B-14-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.19.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AT-K-C-26-6-B/14-R
NON-UL 26AWG (0.16/7)*6C,
O.D.: 2.4*6.8MM, Pre-Cut, 14Ft., Black
Complaint
RoHS
rev00
Material:
• Conductor(X6C): 26AWG (0.12X12) Bare Copper
• Insulation(X6C):PP6331 ID 0.95-1.0
• Jacket: PVC NO UL 80P
• Package: Individual PE Bag


Similar Part No. - AT-K-C-26-6-B-14-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-6-B-10-R ASSMANN-AT-K-C-26-6-B-10-R Datasheet
268Kb / 1P
   NON-UL 26AWG(0.16/7)
More results

Similar Description - AT-K-C-26-6-B-14-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AT-K-C-26-6-S-14-R ASSMANN-AT-K-C-26-6-S-14-R Datasheet
284Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-B-5-R ASSMANN-AT-K-C-26-6-B-5-R Datasheet
280Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-W-25-R ASSMANN-AT-K-C-26-6-W-25-R Datasheet
283Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-S-25-R ASSMANN-AT-K-C-26-6-S-25-R Datasheet
284Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-W-14-R ASSMANN-AT-K-C-26-6-W-14-R Datasheet
283Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-C-26-6-6-B-12-OE-R ASSMANN-AT-C-26-6-6-B-12-OE-R Datasheet
338Kb / 1P
   NON-UL 26AWG (0.16/7)*6c
AT-K-C-26-6-B-25-R ASSMANN-AT-K-C-26-6-B-25-R Datasheet
284Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-S-5-R ASSMANN-AT-K-C-26-6-S-5-R Datasheet
280Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-W-5-R ASSMANN-AT-K-C-26-6-W-5-R Datasheet
280Kb / 1P
   NON-UL 26AWG (0.16/7)*6C
AT-K-C-26-6-B-7-R ASSMANN-AT-K-C-26-6-B-7-R Datasheet
282Kb / 1P
   NON-UL 26AWG (0.16/7)*6C, O.D.: 2.4*6.8MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com