Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9324L Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PS9324L
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9324L Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PS9324L_15 Datasheet HTML 5Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 6Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 7Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 8Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 9Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 10Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 11Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 12Page - Renesas Technology Corp PS9324L_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PS9324L, PS9324L2
R08DS0060EJ0100 Rev.1.00
Page 9 of 17
Apr 26, 2013
Ambient Temperature TA (
°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
PROPAGATION DELAY TIME vs.
AMBIENT TEMPERATURE
25
0
25
50
100
75
50
125
120
0.0
20
40
60
80
100
25
0
25
50
100
75
50
125
120
0.0
20
40
60
80
100
25
0
25
50
100
75
50
125
25
0
25
50
100
75
50
125
25
0
25
50
100
75
50
125
25
0
25
50
100
75
50
125
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
0.5
0.0
0.1
0.2
0.3
0.4
5
0
1
2
3
4
5
0
1
2
3
4
0.5
0.0
0.1
0.2
0.3
0.4
VCC = 3.3 V,
IF = 4.5 mA
VCC = 3.3 V,
IF = 4.5 mA
VCC = 5 V,
IF = 4.5 mA
VCC = 3.3 V,
VO = 0.8 V
VCC = 5 V,
VO = 0.8 V
VCC = 5.5 V,
IF = 4.5 mA
Ambient Temperature TA (
°C)
LOW LEVEL OUTPUT VOLTAGE vs.
AMBIENT TEMPERATURE
IOL = 16.0 mA
13.0 mA
10.0 mA
6.0 mA
IOL = 16.0 mA
13.0 mA
10.0 mA
6.0 mA
tPLH:RL = 4 k
Ω
tPLH:RL = 4 k
Ω
tPLH:RL = 1 k
Ω
tPLH:RL = 1 k
Ω
tPHL:RL = 1 k
Ω, 4 kΩ
tPLH:RL = 350
Ω
tPHL:RL = 350
Ω,1 kΩ, 4kΩ
tPHL:RL = 350
Ω
tPLH:RL = 350
Ω
RL = 1 k
Ω
RL = 4 k
Ω
RL = 350
Ω
RL = 1 k
Ω
RL = 4 k
Ω
RL = 350
Ω
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS9324L_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9324L-AX CEL-PS9324L-AX Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9324L-E3 CEL-PS9324L-E3 Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9324L-E3-AX CEL-PS9324L-E3-AX Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9324L-V CEL-PS9324L-V Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9324L-V-AX CEL-PS9324L-V-AX Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9324L_15

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9324L CEL-PS9324L Datasheet
719Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com