Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV400MJ883 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HV400MJ883
Description  High Current MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HV400MJ883 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HV400MJ883 Datasheet HTML 3Page - Intersil Corporation HV400MJ883 Datasheet HTML 4Page - Intersil Corporation HV400MJ883 Datasheet HTML 5Page - Intersil Corporation HV400MJ883 Datasheet HTML 6Page - Intersil Corporation HV400MJ883 Datasheet HTML 7Page - Intersil Corporation HV400MJ883 Datasheet HTML 8Page - Intersil Corporation HV400MJ883 Datasheet HTML 9Page - Intersil Corporation HV400MJ883 Datasheet HTML 10Page - Intersil Corporation HV400MJ883 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Die Characteristics
DIE DIMENSIONS:
1700 x 1820 x 483
µm
METALLIZATION:
Type: 1% Cu, 99% Al
Thickness: 16k
Å
± 2kÅ
SUBSTRATE POTENTIAL (POWERED UP):
Unbiased
WORST CASE CURRENT DENSITY:
8.2 x 104 A/cm2 during 1
µs pulse with -35A output current,
through 8
µm wide line 14kA thick.
GLASSIVATION:
Type: Silox
Thickness: 12k
Å
± 2kÅ
Type: Nitride
Thickness: 3.5k
Å
± 2.5kÅ
TRANSISTOR COUNT:
3
PROCESS:
HFSB Linear Dielectric Isolation
Metallization Mask Layout
HV400MJ/883
V+ (1)
INPUT (2)
SINK OUTPUT (3)
GROUND (4)
(5) GROUND
(6) SINK OUTPUT
(7) DIODES
HV400MJ/883


Similar Part No. - HV400MJ883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400MJ/883 HARRIS-HV400MJ/883 Datasheet
3Mb / 10P
   High Current MOSFET Driver
HV400MJ/883 HARRIS-HV400MJ/883 Datasheet
3Mb / 10P
   High Current MOSFET Driver
More results

Similar Description - HV400MJ883

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HV400 HARRIS-HV400 Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6743D STMICROELECTRONICS-L6743D Datasheet
423Kb / 16P
   High current MOSFET driver
L6747C STMICROELECTRONICS-L6747C Datasheet
341Kb / 15P
   High current MOSFET driver
L6743 STMICROELECTRONICS-L6743 Datasheet
317Kb / 17P
   High current MOSFET driver
L6741 STMICROELECTRONICS-L6741 Datasheet
301Kb / 16P
   High current MOSFET driver
L6743B STMICROELECTRONICS-L6743B Datasheet
246Kb / 16P
   High current MOSFET driver
logo
Harris Corporation
HV400-MJ HARRIS-HV400-MJ Datasheet
3Mb / 10P
   High Current MOSFET Driver
logo
STMicroelectronics
L6747ATR STMICROELECTRONICS-L6747ATR Datasheet
415Kb / 15P
   High current MOSFET driver
March 2010 Rev 1
L6743 STMICROELECTRONICS-L6743_08 Datasheet
354Kb / 17P
   High current MOSFET driver
logo
ON Semiconductor
NCX57090Y ONSEMI-NCX57090Y_V01 Datasheet
1Mb / 25P
   Isolated High Current IGBT/MOSFET Gate Driver
July, 2022 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com