Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP9520CP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP9520CP
Description  Multilevel Pipeline Registers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP9520CP Datasheet(HTML) 4 Page - Intersil Corporation

  HSP9520CP Datasheet HTML 1Page - Intersil Corporation HSP9520CP Datasheet HTML 2Page - Intersil Corporation HSP9520CP Datasheet HTML 3Page - Intersil Corporation HSP9520CP Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time with-
out notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Timing Waveform
tPW
tS
tH
tPW
tH
tS
tPD
tSELD
tDIS
tENA
1.5V
1.7V
1.3V
(HIGH IMPEDANCE)
OE
THREE STATE
CONTROL
THREE STATE
OUTPUT
(Y0 - Y7)
OUT
(Y0 - Y7)
MUX SEL
(S0 - S1)
DATA
(S0 - D7)
INST
(I0 - I1)
CLOCK
(CLK)
TABLE 1. INSTRUCTION CONTROL
I1
I0
HSP9520
HSP9521
00
01
10
1
1
All Registers Hold
All Registers Hold
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
A1
A2
B1
B2
TABLE 2. REGISTER SELECT
S1
S0
HSP9520 OR HSP9521
00
B2
01
B1
10
A2
11
A1
HSP9520, HSP9521


Similar Part No. - HSP9520CP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP9501 INTERSIL-HSP9501 Datasheet
49Kb / 8P
   Programmable Data Buffer
HSP9501 INTERSIL-HSP9501 Datasheet
372Kb / 8P
   Programmable Data Buffer
logo
Renesas Technology Corp
HSP9501 RENESAS-HSP9501 Datasheet
657Kb / 8P
   Programmable Data Buffer
Aug 2004
logo
Intersil Corporation
HSP9501JC-25 INTERSIL-HSP9501JC-25 Datasheet
49Kb / 8P
   Programmable Data Buffer
HSP9501JC-2596 INTERSIL-HSP9501JC-2596 Datasheet
49Kb / 8P
   Programmable Data Buffer
More results

Similar Description - HSP9520CP

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Integrated Device Techn...
IDT29FCT520AT IDT-IDT29FCT520AT Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com