Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2801-1-V-F3 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2801-1-V-F3
Description  High isolation voltage Small and thin package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2801-1-V-F3 Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2801-1-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2801-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PS2801-1, PS2801-4
R08DS0096EJ0500 Rev.5.00
Page 2 of 14
Jan 23, 2013
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2801-1
PS2801-4
4.4
7.0±0.3
0.5±0.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1.27
M
0.12
0.40
+0.10
–0.05
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
4.5 mm
Outer Creepage Distance
4.5 mm
Inner Creepage Distance
2.5 mm
Isolation Thickness
0.1 mm
<R>


Similar Part No. - PS2801-1-V-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-V-F3 CEL-PS2801-1-V-F3 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-V-F3 CEL-PS2801-1-V-F3 Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
More results

Similar Description - PS2801-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1_15 Datasheet
280Kb / 16P
   High isolation voltage Small and thin package
logo
Advanced Power Electron...
AP4425GO A-POWER-AP4425GO_14 Datasheet
124Kb / 4P
   Small & Thin Package
logo
KODENSHI_AUK CORP.
HPI610A KODENSHI-HPI610A Datasheet
185Kb / 3P
   Small thin SMD package
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
KODENSHI_AUK CORP.
KB1608B46 KODENSHI-KB1608B46 Datasheet
177Kb / 4P
   ultra small and thin form package white LED
logo
Fujitsu Component Limit...
FPT-20P-M04 FUJITSU-FPT-20P-M04 Datasheet
37Kb / 1P
   THIN SHRINK SMALL OUTLINE PACKAGE
logo
Hamamatsu Corporation
S10917-35GT HAMAMATSU-S10917-35GT_15 Datasheet
265Kb / 4P
   RGB color sensor integrated in small and thin package
S10942-01CT HAMAMATSU-S10942-01CT_15 Datasheet
259Kb / 4P
   RGB color sensor integrated in small and thin package
S10170 HAMAMATSU-S10170 Datasheet
66Kb / 2P
   RGB color sensor integrated in small and thin package
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com