Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2705-1 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS2705-1
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2705-1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS2705-1_15 Datasheet HTML 3Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 4Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 5Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 6Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 7Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 8Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 9Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 10Page - Renesas Technology Corp PS2705-1_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PS2705-1
R08DS0093EJ0300 Rev.3.00
Page 7 of 13
Jan 29, 2013
1.2
0.6
0.0
0.8
1.0
0.4
0.2
025
50
100
–50
–25
75
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
300
250
150
50
0
200
100
0.05
0.5
5
50
0.1
1
10
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCE = 5 V
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
VCC = 5 V,
IC = 2 mA
100
0.5
0.1
50
10
5
1
50
200
1 k
2 k
100
500
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
ton
toff
td
ts
1.2
0.4
0.0
0.8
0.6
0.2
1.0
20
500
5
10
200
2
50
100
Frequency f (kHz)
FREQUENCY RESPONSE
RL = 1 k
Ω
510
Ω
300
Ω
100
Ω
IF = 5 mA, VCC = 5 V,
CTR = 169 %
1 000
0.5
100
500
10
1
50
5
0.1
100
1 k
10 k
50 k
500
5 k
100 k
tf
ts
tr
td
50
20
0
40
30
10
610
24
8
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IF = 30 mA
20 mA
10 mA
15 mA
5 mA
Remark The graphs indicate nominal characteristics.
<R>


Similar Part No. - PS2705-1_15

ManufacturerPart #DatasheetDescription
logo
NEC
PS2705-1-A NEC-PS2705-1-A Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1-A CEL-PS2705-1-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1-F3 CEL-PS2705-1-F3 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1-F3-A CEL-PS2705-1-F3-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1-F4 CEL-PS2705-1-F4 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2705-1_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1 Datasheet
5Mb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE
Dec 25, 2020
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com