Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM487E Datasheet(PDF) 4 Page - Analog Devices

Part # ADM487E
Description  Half-Duplex, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 4 Page - Analog Devices

  ADM487E_15 Datasheet HTML 1Page - Analog Devices ADM487E_15 Datasheet HTML 2Page - Analog Devices ADM487E_15 Datasheet HTML 3Page - Analog Devices ADM487E_15 Datasheet HTML 4Page - Analog Devices ADM487E_15 Datasheet HTML 5Page - Analog Devices ADM487E_15 Datasheet HTML 6Page - Analog Devices ADM487E_15 Datasheet HTML 7Page - Analog Devices ADM487E_15 Datasheet HTML 8Page - Analog Devices ADM487E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. B | Page 4 of 16
TIMING SPECIFICATIONS
VCC = 5 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 3. ADM485E/ADM1487E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Driver Propagation Delay Input to Output, Low to High
tDPLH
10
40
60
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Driver Propagation Delay Input to Output, High to Low
tDPHL
10
40
60
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Output Skew to Output
tSKEW
5
10
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Rise/Fall Time
tDR, tDF
3
20
40
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Enable Time to High Level
tDZH
45
70
ns
CL = 100 pF, S1 closed (see
Figure 21)
Enable Time to Low Level
tDZL
45
70
ns
CL = 100 pF, S1 closed (see
Figure 22)
Disable Time from Low Level
tDLZ
45
70
ns
CL = 15 pF, S1 closed (see
Figure 22)
Disable Time from High Level
tDHZ
45
70
ns
CL = 15 pF, S1 closed (see
Figure 21)
RECEIVER
Receiver Propagation Delay Input to Output, Low to High
tRPLH
20
60
200
ns
See
Figure 23 and Figure 24
Receiver Propagation Delay Input to Output, High to Low
tRPHL
20
60
200
ns
See
Figure 23 and Figure 24
|tPLH − tPHL| Differential Receiver Skew
tSKEW
5
ns
See
Figure 23 and Figure 24
Enable Time to Low Level
tRZL
25
50
ns
CL = 15 pF, S2 closed (see
Figure 25)
Enable Time to High Level
tRZH
20
50
ns
CL = 15 pF, S1 closed (see
Figure 25)
Disable Time from Low Level
tRLZ
20
50
ns
CL = 15 pF, S2 closed (see
Figure 25)
Disable Time from High Level
tRHZ
20
50
ns
tPLH, tPHL < 50% of data period
MAXIMUM DATA RATE
fMAX
2.5
Mbps


Similar Part No. - ADM487E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM487EARZ AD-ADM487EARZ Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM487EARZ AD-ADM487EARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EARZ-REEL7 AD-ADM487EARZ-REEL7 Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM487EARZ-REEL7 AD-ADM487EARZ-REEL7 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM487EWARZ AD-ADM487EWARZ Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results

Similar Description - ADM487E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com