Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M75P80 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # M75P80
Description  My-Com precision switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

M75P80 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  M75P80 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
22/1/2015
MY-COM M75P80
MY-COM M75P80
My-Com precision switches
My-Com precision switches
www.baumer.com
general data
repeat accuracy
< 0,001 mm
activating force
75 cN
mech. pre-run / overrun
- / 1,5 mm approx.
measurement type
contact with medium
direction of approach
frontal
electrical data
voltage supply range +Vs
5 ... 36 VDC
load current max. at 24 VDC
50 mA
load resistance min.
480 Ohm
output circuit
PNP make function (NO)
mechanical data
activating pin
zirconium oxide ZrO2
housing material
brass nickel plated
dimension
8 mm
type
cylindrical threaded
housing length
27 mm
connection types
cable, 80 cm
ambient conditions
operating temperature
-20 ... +75 °C
protection class
IP 67
photo
connection diagram
output
+VS
PNP
BU (3)
BN (1)
BK (4)
Z
0 V
dimension drawing
M8 x 0,5
SW10
1
ø


Similar Part No. - M75P80

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
M75PS35 IVO-M75PS35 Datasheet
60Kb / 1P
   My-Com precision switches
More results

Similar Description - M75P80

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
C7580 IVO-C7580 Datasheet
83Kb / 1P
   My-Com precision switches
E75N80L IVO-E75N80L Datasheet
64Kb / 1P
   My-Com precision switches
L75PS35L IVO-L75PS35L Datasheet
59Kb / 1P
   My-Com precision switches
G75P80L IVO-G75P80L Datasheet
60Kb / 1P
   My-Com precision switches
G75PS35L IVO-G75PS35L Datasheet
61Kb / 1P
   My-Com precision switches
A3080 IVO-A3080 Datasheet
84Kb / 1P
   My-Com precision switches
M75N80 IVO-M75N80 Datasheet
58Kb / 1P
   My-Com precision switches
E7580 IVO-E7580 Datasheet
85Kb / 1P
   My-Com precision switches
M75PS35 IVO-M75PS35 Datasheet
60Kb / 1P
   My-Com precision switches
A30S35 IVO-A30S35 Datasheet
87Kb / 1P
   My-Com precision switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com