Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM2012NR82M-T Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NM2012NR82M-T
Description  Multilayer Chip Power Inductors (CK series P type/NM series)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NM2012NR82M-T Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NM2012NR82M-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Multilayer Chip Power Inductors (CK series P type/NM series)
NM2012NR82M-T
Features
Item Summary
0.82μH(±20%), 0805
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 3000pcs
Products characteristics table
CaseSize (EIA/JIS)
0805/2012
Inductance
0.82μH(±20%)
Inductance Measuring Frequency
1MHz
DC Resistance (max)
0.1Ω
Avg. of DC.Resistance
0.085Ω
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
2mm ±0.2
W
1.25mm ±0.2
H
1mm max
2015.03.18
1 / 1


Similar Part No. - NM2012NR82M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NM2012N1R0M-T TAIYO-YUDEN-NM2012N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
More results

Similar Description - NM2012NR82M-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NM2520V2R2M-T TAIYO-YUDEN-NM2520V2R2M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520N1R0M-T TAIYO-YUDEN-NM2520N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2012N1R0M-T TAIYO-YUDEN-NM2012N1R0M-T Datasheet
136Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
NM2520V1R0M-T TAIYO-YUDEN-NM2520V1R0M-T Datasheet
142Kb / 1P
   Multilayer Chip Power Inductors (CK series P type/NM series)
CKP20161R5M-T TAIYO-YUDEN-CKP20161R5M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
CKP20163R3M-T TAIYO-YUDEN-CKP20163R3M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
CKP2012NR47M-T TAIYO-YUDEN-CKP2012NR47M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
CKP2520V3R3M-T TAIYO-YUDEN-CKP2520V3R3M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
CKP2012N1R5M-T TAIYO-YUDEN-CKP2012N1R5M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
CKP2012N4R7M-T TAIYO-YUDEN-CKP2012N4R7M-T_19 Datasheet
266Kb / 2P
   Multilayer Chip Power Inductors (CK series P type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com