Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP43891GC-30 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HSP43891GC-30
Description  Digital Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43891GC-30 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HSP43891GC-30 Datasheet HTML 5Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 6Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 7Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 8Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 9Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 10Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 11Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 12Page - Intersil Corporation HSP43891GC-30 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
TABLE 1. HSP43891 30MHz, 8-TAP FIR FILTER SEQUENCE
CLK
CELL 0
CELL 1
CELL 2
CELL 3
CELL 4
CELL 5
CELL 6
CELL 7
SUM/CLR
0C7 x X0
0
0
0
----
-
1+C6 x X1
C7 x X1
0
0
----
-
2+C5 x X2
+C6 x X2
C7 x X2
0
----
-
3+C4 x X3
+C5 x X3
+C6 x X3
C7 x X3
----
-
4+C3 x X4
+C4 x X4
+C5 x X4
+C6 x X4
C7 x X4
---
-
5+C2 x X5
+C3 x X5
+C4 x X5
+C5 x X5
+C6 x X5
C7 x X5
--
-
6+C1 x X6
+C2 x X6
+C3 x X6
+C4 x X6
+C5 x X6
+C6 x X6
C7 x X6
--
7+C0 x X7
+C1 x X7
+C2 x X7
+C3 x X7
+C4 x X7
+C5 x X7
+C6 x X7
C7 x X7
Cell 0 (Y7)
8C7 x X8
+C0 x X8
+C1 x X8
+C2 x X8
+C3 x X8
+C4 x X8
+C5 x X8
+C6 x X8
Cell 1 (Y8)
9+C6 x X9
C7 x X9
+C0 x X9
+C1 x X9
+C2 x X9
+C3 x X9
+C4 x X9
+C5 x X9
Cell 2 (Y9)
10
+C5 x X10
+C6 x X10
C7 x X10
+C0 x X10
+C1 x X10
+C2 x X10
+C3 x X10
+C4 x X10
Cell 3 (Y10)
11
+C4 x X11
+C5 x X11
+C6 x X11
C7 x X11
+C0 x X11
+C1 x X11
+C2 x X11
+C3 x X11
Cell 4 (Y11)
12
+C3 x X12
+C4 x X12
+C5 x X12
+C6 x X12
C7 x X12
+C0 x X12
+C1 x X12
+C2 x X12
Cell 5 (Y12)
13
+C2 x X13
+C3 x X13
+C4 x X13
+C5 x X13
+C6 x X13
C7 x X13
+C0 x X13
+C1 x X13
Cell 6 (Y13)
14
+C1 x X14
+C2 x X14
+C3 x X14
+C4 x X14
+C5 x X14
+C6 x X14
+C7 x X14
+C0 x X14
Cell 7 (Y14)
15
+C0 x X15
+C1 x X15
+C2 x X15
+C3 x X15
+C4 x X15
+C5 x X15
+C6 x X15
C7 x X15
Cell 0 (Y15)
X15 . . . X9, X8, X7 . . . X1, X0
C0 . . . C6, C7, C0 . . . C6, C7
HSP43891
. . . Y15, Y14 . . . Y8, Y7
SAMPLE
DATA IN (XN)
30MHz
CLOCK
3-BIT
COUNTER
Y2 Y1 Y0
+5V
D0-D8
SYSTEM
RESET
ERASE
ADR2 ADR1 ADR0 VCC SHADD SENBH SENBL
DIN0-8
DIENB
CLK
CIN0-8
CIENB DCM1 DCM0 RESET ERASE VSS COENB
COUT0-8
SUM0-25
26
SUM
OUT (YN)
9
NC
HSP43891
9
RAM/ROM
9 x 8 COEFF.
A2 A1 A0
9
FIGURE 3. HSP43891 30MHz, 8-TAP FIR FILTER APPLICATION SCHEMATIC
HSP43891


Similar Part No. - HSP43891GC-30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43891GM-20/883 INTERSIL-HSP43891GM-20/883 Datasheet
153Kb / 7P
   Digital Filter
HSP43891GM-25/883 INTERSIL-HSP43891GM-25/883 Datasheet
153Kb / 7P
   Digital Filter
More results

Similar Description - HSP43891GC-30

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43881 INTERSIL-HSP43881 Datasheet
148Kb / 21P
   Digital Filter
HSP43881883 INTERSIL-HSP43881883 Datasheet
158Kb / 7P
   Digital Filter
HSP43481 INTERSIL-HSP43481 Datasheet
95Kb / 1P
   Digital Filter
HSP43481883 INTERSIL-HSP43481883 Datasheet
37Kb / 2P
   Digital Filter
HSP43891883 INTERSIL-HSP43891883 Datasheet
153Kb / 7P
   Digital Filter
logo
List of Unclassifed Man...
CXD2554P ETC2-CXD2554P Datasheet
52Kb / 1P
   Digital Filter
logo
Intersil Corporation
HSP43220 INTERSIL-HSP43220 Datasheet
634Kb / 21P
   Decimating Digital Filter
HSP43220883 INTERSIL-HSP43220883 Datasheet
204Kb / 7P
   Decimating Digital Filter
HSP43220 INTERSIL-HSP43220_04 Datasheet
800Kb / 18P
   Decimating Digital Filter
logo
Renesas Technology Corp
HSP43220 RENESAS-HSP43220 Datasheet
1Mb / 21P
   Decimating Digital Filter
Oct 10, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com