Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSP45256JC-25 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HSP45256JC-25
Description  Binary Correlator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256JC-25 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HSP45256JC-25 Datasheet HTML 4Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 5Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 6Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 7Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 8Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 9Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 10Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 11Page - Intersil Corporation HSP45256JC-25 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
The function performed by one correlation cell is:
(Di,n XNOR Ri,n) AND Mi,n
where:
Di,n = Bit i of data register n
Ri,n = Bit i of reference register n
Mi,n = Bit i of mask register n
The reference and mask bits are loaded sequentially, N bits
at a time, where N depends on the current configuration (see
Tables 2 and 9). New reference data is loaded on the rising
edge of RLOAD and new mask data is loaded on the rising
edge of CLOAD. The mask and reference bits are stored
internally in Shift Registers, so that the mask and reference
information that was loaded most recently will be used to
process the newest data. When new information is loaded in,
the previous contents of the mask and reference bits are
shifted over by one sample, and the oldest information is
lost. There are no registers in the multiplexer array (see
Block Diagram), so the data on DOUT0-7 corresponds to the
data in the last element of the correlation array. When
monitoring DOUT0-7, AUXOUT0-8, and REFOUT0-7, only
those bits listed in Table 9 are valid.
FIGURE 3. CORRELATION CELL BLOCK DIAGRAM
FIGURE 4. CORRELATION CELL TIMING DIAGRAM
R
E
G
>
RLOAD
DREF
R
E
G
>
DCONT
CLOAD
DREFOUT
DCONTOUT
R
E
G
>
TXFR
R
E
G
>
CLK
DATA
DATAOUT
COROUT
A
B
R
E
G
>
(MASK)
RLOAD
DREF
DCONT
CLOAD
TXFR
CLK
DATA
DATA CONTROL
A
B
DR8
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
DR7
DR6
DR5
DR4
DR3
DR2
DR1
DR0
DR-1
D7
D6
D5
D4
D3
D2
D1
D0
D-1
HSP45256


Similar Part No. - HSP45256JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256/883 INTERSIL-HSP45256/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-20/883 INTERSIL-HSP45256GM-20/883 Datasheet
207Kb / 9P
   Binary Correlator
HSP45256GM-25/883 INTERSIL-HSP45256GM-25/883 Datasheet
207Kb / 9P
   Binary Correlator
More results

Similar Description - HSP45256JC-25

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45256883 INTERSIL-HSP45256883 Datasheet
207Kb / 9P
   Binary Correlator
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
   GPS Digital Correlator
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
   GPS 12 channel Correlator Advance Information
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
   Binary Counter
logo
M/A-COM Technology Solu...
906R5K-SP03 MA-COM-906R5K-SP03 Datasheet
577Kb / 3P
   Binary Capacitor
logo
ON Semiconductor
MC10178 ONSEMI-MC10178_02 Datasheet
112Kb / 8P
   Binary Counter
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
   BINARY COUNTER
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
   Binary Counter
1996 REV 5
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
   Binary Counter
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
   SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com