Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5310 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5310
Description  Dual Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310 Datasheet(HTML) 4 Page - Analog Devices

  ADL5310_15 Datasheet HTML 1Page - Analog Devices ADL5310_15 Datasheet HTML 2Page - Analog Devices ADL5310_15 Datasheet HTML 3Page - Analog Devices ADL5310_15 Datasheet HTML 4Page - Analog Devices ADL5310_15 Datasheet HTML 5Page - Analog Devices ADL5310_15 Datasheet HTML 6Page - Analog Devices ADL5310_15 Datasheet HTML 7Page - Analog Devices ADL5310_15 Datasheet HTML 8Page - Analog Devices ADL5310_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADL5310
Rev. A | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage VP
− VN
12 V
Input Current
20 mA
Internal Power Dissipation
500 mW
θJA
35°C/W1
Maximum Junction Temperature
125°C
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
300°C
1 With paddle soldered down.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADL5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
More results

Similar Description - ADL5310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5310 AD-ADL5310_18 Datasheet
570Kb / 20P
   Dual Logarithmic Converter
AD8305 AD-AD8305_17 Datasheet
560Kb / 24P
   Range Logarithmic Converter
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
ADL5306 AD-ADL5306_15 Datasheet
2Mb / 16P
   Low Cost Logarithmic Converter
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD7111ACRZ AD-AD7111ACRZ Datasheet
178Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com