Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS8-RTX2010RH Datasheet(PDF) 4 Page - Intersil Corporation

Part # HS8-RTX2010RH
Description  Radiation Hardened Real Time Express??Microcontroller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS8-RTX2010RH Datasheet(HTML) 4 Page - Intersil Corporation

  HS8-RTX2010RH Datasheet HTML 1Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 2Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 3Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 4Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 5Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 6Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 7Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 8Page - Intersil Corporation HS8-RTX2010RH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
47
L6
MA11
Output; Address Bus
48
L8
MA12
Output; Address Bus
49
K8
MA13
Output; Address Bus
50
L9
VDD
Power
51
L10
MA14
Output; Address Bus
52
K9
MA15
Output; Address Bus
53
L11
MA16
Output; Address Bus
54
K10
MA17
Output; Address Bus
55
J10
MA18
Output; Address Bus
56
K11
MA19
Output; Address Bus
57
J11
GND
Ground
58
H10
LDS
Output
59
H11
UDS
Output
60
F10
NEW
Output
61
G10
BOOT
Output
62
G11
PCLK
Output
63
G9
MR/W
Output
64
F9
MD00
I/O; Data Bus
65
F11
MD01
I/O; Data Bus
PGA And CQFP
Pin/Signal Assignments (Continued)
CQFP
PGA
PIN
SIGNAL
NAME
TYPE
66
E11
MD02
I/O; Data Bus
67
E10
MD03
I/O; Data Bus
68
E9
MD04
I/O; Data Bus
69
D11
GND
Ground
70
D10
MD05
I/O; Data Bus
71
C11
MD06
I/O; Data Bus
72
B11
MD07
I/O; Data Bus
73
C10
VDD
Power
74
A11
MD08
I/O; Data Bus
75
B10
MD09
I/O; Data Bus
76
B9
MD10
I/O; Data Bus
77
A10
MD11
I/O; Data Bus
78
A9
MD12
I/O; Data Bus
79
B8
MD13
I/O; Data Bus
80
A8
MD14
I/O; Data Bus
81
B6
GND
Ground
82
B7
MD15
I/O; Data Bus
83
A7
GA00
Output; Address Bus
84
C7
GA01
Output; Address Bus
-
C3
-
Isolated Alignment Pin
PGA And CQFP
Pin/Signal Assignments (Continued)
CQFP
PGA
PIN
SIGNAL
NAME
TYPE
Output Signal Descriptions
SIGNAL
CQFP
RESET
LEVEL
DESCRIPTION
OUTPUTS
NEW
60
1
NEW: A HIGH on this pin indicates that an Instruction Fetch is in progress.
BOOT
61
1
BOOT: A HIGH on this pin indicates that Boot Memory is being accessed. This pin can be set or reset by accessing
bit 3 of the Configuration Register.
MR/W
63
1
MEMORY READ/WRITE: A LOW on this pin indicates that a Memory Write operation is in progress.
UDS
59
1
UPPER DATA SELECT: A HIGH on this pin indicates that the high byte of memory (MD15-MD08) is being
accessed.
LDS
58
1
LOWER DATA SELECT: A HIGH on this pin indicates that the low byte of memory (MD07-MD00) is being
accessed.
GIO
16
1
ASIC I/O: A LOW on this pin indicates that an ASIC Bus operation is in progress.
GR/W
15
1
ASIC READ/WRITE: A LOW on this pin indicates that an ASIC Bus Write operation is in progress.
PCLK
62
0
PROCESSOR CLOCK: Runs at half the frequency of ICLK. All processor cycles begin on the rising edge of PCLK.
Held low extra cycles when WAIT is asserted.
TCLK
2
0
TIMING CLOCK: Same frequency and phase as PCLK but continues running during Wait cycles.
INTA
3
0
INTERRUPT ACKNOWLEDGE: A HIGH on this pin indicates that an Interrupt Acknowledge cycle is in progress.
Input Signal, Bus, and Power Connection Descriptions
SIGNAL
CQFP
LEAD
DESCRIPTION
INPUTS
WAIT
13
WAIT: A HIGH on this pin causes PCLK to be held LOW and the current cycle to be extended.
ICLK
14
INPUT CLOCK: Internally divided by 2 to generate all on-chip timing (CMOS input levels).
RESET
12
A HIGH level on this pin resets the RTX. Must be held high for at least 4 rising edges of ICLK plus 12 ICLK cycle
setup and hold times.
HS-RTX2010RH


Similar Part No. - HS8-RTX2010RH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS8-10 ETC2-HS8-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-12 ETC2-HS8-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-14 ETC2-HS8-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-16 ETC2-HS8-16 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS8-18 ETC2-HS8-18 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results

Similar Description - HS8-RTX2010RH

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT69RH051 AEROFLEX-UT69RH051 Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
UT69RH051 ETC2-UT69RH051 Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
logo
Texas Instruments
MSP430FR5969-SP TI1-MSP430FR5969-SP_18 Datasheet
1Mb / 128P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
MSP430FR5969-SP TI1-MSP430FR5969-SP Datasheet
1Mb / 126P
[Old version datasheet]   Radiation Hardened Mixed-Signal Microcontroller
logo
Microchip Technology
SAMRH707 MICROCHIP-SAMRH707 Datasheet
11Mb / 1389P
   Radiation-Hardened 32-bit Microcontroller with Advanced Radiation-Hardened 32-bit Microcontroller with Advanced
2021
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com